Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C01 Datasheet(PDF) 10 Page - XP Power Limited

Part # C01
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C01 Datasheet(HTML) 10 Page - XP Power Limited

Back Button C01 Datasheet HTML 4Page - XP Power Limited C01 Datasheet HTML 5Page - XP Power Limited C01 Datasheet HTML 6Page - XP Power Limited C01 Datasheet HTML 7Page - XP Power Limited C01 Datasheet HTML 8Page - XP Power Limited C01 Datasheet HTML 9Page - XP Power Limited C01 Datasheet HTML 10Page - XP Power Limited C01 Datasheet HTML 11Page - XP Power Limited C01 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 10
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
•
Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
OR
•
Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
OR
•
Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
PROGRAMMING INSTRUCTIONS
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
1.80
(45.72)
SOLDER
CUP SIDE
1
15
8
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
.05 (1.27)
THICK
.50
(12.7)
3.83 (97.28)
.90 (22.86)
1.33
(33.78)
SHV
MATING
CONNECTOR
5.00 (127.00)
1.312
(33.32)
.82 (20.83)
2.33
(59.18)
ADJUST
GAIN
2.200 (55.88)
ANODIZED
ALUMINUM
MOUNTING PLATE
#4-40 MTG HOLE
4 PLACES
.25 (6.35)
1.300
(33.02)
SHV
CONNECTOR
OUTPUT
1
15
9
8
1
15
8
1
8 15
MTG HARDWARE
SUPPLIED
TOP VIEW
These adapters provide convenient prototyping and evaluation during
system development and integration. They allow C Series modules to
be mounted to a chassis instead of designed into a PC board.
Extra filtering on the input and output improves performance. A schottky
diode on the input provides reverse polarity protection. Input connector
is via a 15P SUB MIN-D plug (mate supplied) and output is via an SHV
style coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM3 the C Series is not included and must
be ordered separately.
C SERIES
CM3: MODELS C25, C25N, C30, C30N, C40 and C40N
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com