Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C01 Datasheet(PDF) 7 Page - XP Power Limited

Part # C01
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C01 Datasheet(HTML) 7 Page - XP Power Limited

Back Button C01 Datasheet HTML 3Page - XP Power Limited C01 Datasheet HTML 4Page - XP Power Limited C01 Datasheet HTML 5Page - XP Power Limited C01 Datasheet HTML 6Page - XP Power Limited C01 Datasheet HTML 7Page - XP Power Limited C01 Datasheet HTML 8Page - XP Power Limited C01 Datasheet HTML 9Page - XP Power Limited C01 Datasheet HTML 10Page - XP Power Limited C01 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 7
2.750 (82.55)
2.50 (76.20)
1.25
(31.75)
0.13 (3.18)
0.60 (15.24)
0.63 (15.88)
3.00 (88.90)
0
0.500 (12.70)
0.100 (2.54)
0.250 (6.35)
0.10 (2.54)
GAIN
ADJUST
ø.104 (2.64)
#2/M2 CLEARANCE
FOR MOUNTING
2 PLACES
0.30 (7.62)
10.00 ±1.00
(254.0 ± 25.4)
0.20 (5.08)
(HV OUTPUT LEAD)
0.35 (8.89)
0.25 (6.35)
0.025
(.64)
HV OUTPUT LEAD
(#22AWG 20KV
SILICONE)
5X
ø 0.040 (1.02)
P.C. PIN
TOP VIEW
BOTTOM
VIEW
2
5
1
4
3
0
0.500 (12.70)
0.100 (2.54)
0.250 (6.35)
0.10 (2.54)
4
3
5
1
2
0.187 (4.75) MIN
FOR POT ACCESS
RECOMMENDED
HOLE & PAD SIZE:
ø 0.052 (1.32) &
ø 0.090 (2.29)
5 PLACES
TOP VIEW
RECOMMENDED
PCB LAYOUT
0.73 (5.84)
PIN #
FUNCTION
1
(+) INPUT
2
GROUND
3
PROGRAMMING VOLTAGE
4
HV RETURN
5
CASE GROUND
LEAD
HV OUT
PARAMETER
VALUE
WEIGHT
2.0 OUNCES (56.6 GRAMS)
VOLUME
1.88 CUBIC INCHES (30.73 CUBIC CENTIMETERS)
DIMENSIONS
2.50L (76.20L) x 1.25W (31.75W) x 0.60H (15.24H)
CASE MATERIAL
ZINC PLATED STEEL
C SERIES
MECHANICAL SPECIFICATIONS C80 (8kV)
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com