Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C01 Datasheet(PDF) 12 Page - XP Power Limited

Part # C01
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C01 Datasheet(HTML) 12 Page - XP Power Limited

Back Button C01 Datasheet HTML 4Page - XP Power Limited C01 Datasheet HTML 5Page - XP Power Limited C01 Datasheet HTML 6Page - XP Power Limited C01 Datasheet HTML 7Page - XP Power Limited C01 Datasheet HTML 8Page - XP Power Limited C01 Datasheet HTML 9Page - XP Power Limited C01 Datasheet HTML 10Page - XP Power Limited C01 Datasheet HTML 11Page - XP Power Limited C01 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 12
HOW TO ORDER
Model
Output Voltage (See Table)
EXAMPLE: C10N (C-Series, 10 - Output Voltage, N - Negative, FL - Flying Lead (Optional)
PART NUMBER SELECTOR:
Model Number:
C 10 N FL
Flying Lead (Optional) (Blank or FL)
Polarity Designator (Blank or N)
C SERIES
BLOCK DIAGRAM
* Notes:
1. At maximum rated output voltage.
2. Specifications after 1 hour warm-up, full load, at 25°C unless otherwise indicated.
3. Typical performance
4. All grounds internally connected except case. There should not be more than 50 volts potential between the case ground (pin 5) and the circuit ground (pins 3 and 8). Isolated case assists low-noise
design efforts. Case pin must be connected to ground for proper operation.
5. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
6. SET-POINT ACCURACY refers to the ability of the unit to accurately deliver the voltage intended by the applied programming. The resultant output voltage will be within +/-1% of that programmed.
GAIN ADJUSTMENT refers to the ability to alter the gain of the circuit to bring the resultant output voltage to the programmed set point. This is intended to allow compensation for set-point accuracy error.
LINEARITY refers to how much the transfer function can deviate from a straight line in the absence of any set-point error.
XP-EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP-EMCO standard product models are not recommended for “copy-exact” applications
or any other application restricting product changes. “Copy-exact” options are available. Please contact an XP-EMCO sales representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com