Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5124 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5124
Description  DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5124 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5124 Datasheet HTML 1Page - Texas Instruments TPS5124 Datasheet HTML 2Page - Texas Instruments TPS5124 Datasheet HTML 3Page - Texas Instruments TPS5124 Datasheet HTML 4Page - Texas Instruments TPS5124 Datasheet HTML 5Page - Texas Instruments TPS5124 Datasheet HTML 6Page - Texas Instruments TPS5124 Datasheet HTML 7Page - Texas Instruments TPS5124 Datasheet HTML 8Page - Texas Instruments TPS5124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS5124
SLUS571 − SEPTEMBER 2003
DUAL CHANNEL, SYNCHRONOUS
STEPDOWN PWM CONTROLLER
1
www.ti.com
FEATURES
D High Efficiency − No Current Sense Resistor
Required, RDS(on) Overcurrent Detection with
Temperature Compensation
D Adjustable Output Voltage Down to 0.9 V
D Voltage-Mode PWM Control: Maximum
500-kHz Operation
D 180° Out-of-Phase Control
D Individual Standby and Soft-Start for Each
Channel − Easy Power Sequencing
D Overvoltage and Undervoltage Protection
D Built-In Boot-Strap Diode
D Built-In 5-V Linear Regulator
D Accurate ± 1% 0.85-V Reference
APPLICATIONS
D Consumer Game Systems
D DSP Applications
D Digital Set-Top Box
D VGA and Sound Cards
DESCRIPTION
The TPS5124 is dual independent high efficiency
synchronous step-down controller. It supports a
low-voltage/high-current power supply applica−
tions that use either a 5-V or 12-V bus voltage.
Since both controllers of the TPS5124 operate
180 degree out-of-phase, the input current ripple
is
minimized
resulting
in
a
smaller
input
capacitance and reduced power supply cost.
The
current
protection
circuit
detects
the
drain-to-source voltage drop across the high-side
and
low-side
power
MOSFET
while
it
is
conducting. Also, the current protection circuit has
a temperature coefficient to compensate for the
RDS(on) variation
of
the
MOSFET.
This
resistor-less current protection and built-in boost
diode simplify the system design and reduces the
external parts count. Other features such as
undervoltage lockout, overvoltage, undervoltage,
and
programmable
short-circuit
protection
promote system reliability.
VO1
VO2
VIN
1
2
3
4
5
6
7
8
9
10
11
12
TPS5124
FB2
SS2
N/C
SCP
STBY2
STBY1
REF
GND
N/C
CT
SS1
FB1
17
16
20
19
18
VLSD
VREF5
LH2
OUT2_D
LL2
23
22
21
26
25
24
29
28
27
30
OUT2_D
OUTGND2
TRIP2
VCC
TRIP1
OUTGND1
OUT1_D
LL1
OUT1_U
LH1
13
14
15 INV2
INV1
N/C
VIN
VO2
VIN
VO1
VIN
UDG−03123
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS5124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI2-TPS5124 Datasheet
626Kb / 22P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
SEPTEMBER 2003
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBT TI2-TPS5124DBT Datasheet
626Kb / 22P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
SEPTEMBER 2003
TPS5124DBT.A TI2-TPS5124DBT.A Datasheet
626Kb / 22P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
SEPTEMBER 2003
More results

Similar Description - TPS5124

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com