Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM2804
Description  1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2804 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM2804 Datasheet HTML 2Page - Diodes Incorporated PAM2804 Datasheet HTML 3Page - Diodes Incorporated PAM2804 Datasheet HTML 4Page - Diodes Incorporated PAM2804 Datasheet HTML 5Page - Diodes Incorporated PAM2804 Datasheet HTML 6Page - Diodes Incorporated PAM2804 Datasheet HTML 7Page - Diodes Incorporated PAM2804 Datasheet HTML 8Page - Diodes Incorporated PAM2804 Datasheet HTML 9Page - Diodes Incorporated PAM2804 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PAM2804
Document number: DS36403 Rev. 3 - 2
6 of 10
www.diodes.com
September 2015
© Diodes Incorporated
PAM2804
Application Information
PWM Dimming
The PAM2804 can be used to dim LED current dimming by driving the EN pin via PWM waveform. The SW pin current is then effectively
switched on and off causing the LED current to turn on and off. The recommended PWM frequency is 500Hz (see Figure on page 5 for details).
Inductor Selection
The basic PAM2804 application circuit is shown in Page 1. External component selection is determined by the load requirement, selecting L first
and then CIN and COUT.
For most applications, the value of the inductor will fall withi
n the range of 1μH to 4.7μH. Its value is chosen based on the desired ripple current.
Large value inductors lower ripple current and small value inductors result in higher ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point for setting ripple current is
ΔIL = 400mA (40% of 1A).
  


V
V
1
V
L
f
1
I
IN
OUT
OUT
L
Equation
(1)
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
Thus, a 1.4A rated inductor should be enough for most applications (1A + 400mA). For better efficiency, choose a low DC-resistance inductor.
Using Ceramic Input Output Capacitors
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator applications. Using ceramic capacitors can achieve very low output ripple and small circuit size.
When choosing the input and output ceramic capacitors, choose the X5R or X7R dielectric formulations. These dielectrics have the best
temperature and voltage characteristics of all the ceramics for a given value and size.
Thermal Consideration
Thermal protection limits power dissipation in the PAM2804. When the junction temperature exceeds +150°C, the OTP (Overtemperature
Protection) starts the thermal shutdown and turns the pass transistor off. The pass transistor resumes operation after the junction temperature
drops below +120°C.
For continuous operation, the junction temperature should be maintained below +125°C. The power dissipation is defined as:
V
I
I
F
t
V
R
V
V
R
V
I
P
IN
Q
O
S
SW
IN
L
)
ON
(
DS
O
IN
H
)
ON
(
DS
O
2
O
D
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses.
For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
V
I
R
I
P
IN
Q
H
)
ON
(
DS
2
O
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com