Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2804
Description  1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2804 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2804 Datasheet HTML 1Page - Diodes Incorporated PAM2804 Datasheet HTML 2Page - Diodes Incorporated PAM2804 Datasheet HTML 3Page - Diodes Incorporated PAM2804 Datasheet HTML 4Page - Diodes Incorporated PAM2804 Datasheet HTML 5Page - Diodes Incorporated PAM2804 Datasheet HTML 6Page - Diodes Incorporated PAM2804 Datasheet HTML 7Page - Diodes Incorporated PAM2804 Datasheet HTML 8Page - Diodes Incorporated PAM2804 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM2804
Document number: DS36403 Rev. 3 - 2
1 of 10
www.diodes.com
September 2015
© Diodes Incorporated
PAM2804
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Description
The PAM2804 is a step-down constant current LED driver. When the
input voltage is down to lower than LED forward voltage, then
PAM2804 goes into LDO mode.
The PAM2804 supports a range of input voltages from 2.5V to 6.0V,
allowing the use of a single Li+/Li-polymer cell, 3AA or 4AA cell, USB,
and other standard power sources.
The FB voltage is only 0.1V to achieve high efficiency.
PAM2804 employs internal power switch and synchronous rectifier to
minimize external part count and realize high efficiency.
During shutdown, the input is disconnected from the output and the
shutdown current is less than 1µA. Other key features include
undervoltage lockout to prevent deep battery discharge of the Li+
battery.
Features
Efficiency up to 93%
180µA(typ) Quiescent Current
Output Current: Up to 1A
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft-Start
Undervoltage Lockout
Short LED Protection
Open LED Protection
Thermal Shutdown
5-Pin Small TSOT25 Packages
Pb-Free Package
Pin Assignments
Applications
3AA or 4AA Batteries Powered Flashlight
1 Cell Li-Ion Battery Powered Flashlight
Typical Applications Circuit
ILED = 0.1/RS
Top View
TSOT25


Similar Part No. - PAM2804

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
PAM2804AAB010 PAM-PAM2804AAB010 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
More results

Similar Description - PAM2804

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
logo
List of Unclassifed Man...
XL8002 ETC2-XL8002 Datasheet
214Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8002 XLSEMI-XL8002 Datasheet
272Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM9913 HMSEMI-HM9913 Datasheet
743Kb / 6P
100V Step-Down LED Constant Current Driver
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
55V step-down, high brightness LED constant current driver
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
step-down high-power LED constant current driver
HM9802 HMSEMI-HM9802 Datasheet
622Kb / 13P
80V 1A High Efficiency Buck PFM LED Constant Current Driver
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
Switching step-down LED constant current driver
HM9911 HMSEMI-HM9911 Datasheet
281Kb / 8P
Switching step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com