Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM2804
Description  1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2804 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM2804 Datasheet HTML 2Page - Diodes Incorporated PAM2804 Datasheet HTML 3Page - Diodes Incorporated PAM2804 Datasheet HTML 4Page - Diodes Incorporated PAM2804 Datasheet HTML 5Page - Diodes Incorporated PAM2804 Datasheet HTML 6Page - Diodes Incorporated PAM2804 Datasheet HTML 7Page - Diodes Incorporated PAM2804 Datasheet HTML 8Page - Diodes Incorporated PAM2804 Datasheet HTML 9Page - Diodes Incorporated PAM2804 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PAM2804
Document number: DS36403 Rev. 3 - 2
7 of 10
www.diodes.com
September 2015
© Diodes Incorporated
PAM2804
Application Information (cont.)
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input
voltage range. The maximum power dissipation depends on the thermal resistance of IC package, PCB layout, the rate of surrounding airflow
and temperature difference between junction and ambient. The maximum power dissipation can be calculated by the following formula:
JA
A
)
MAX
(
J
D
T
T
P
Where TJ(MAX) is the maximum allowable junction temperature +125°C. TA is the ambient temperature and θJA is the thermal resistance from the
junction to the ambient. Based on the standard JEDEC for a two layers thermal test board, the thermal resistance
θJA of TSOT25 package is
250°C/W. The maximum power dissipation at TA = +25°C can be calculated by following formula:
W
W
C
C
C
PD
4
.
0
/
250
/
25
125
Setting the Output Current
The internal feedback (FB) voltage is 0.1V (Typical). The output current is calculated as below:
R
/
1
.
0
I
S
LED
The output Current is given by the following table.
RS(Ω)
ILED(mA)
0.286
350
0.143
700
0.1
1,000
As the input voltage approaches the LED forward voltage, the PAM2804 turns the P-Channel transistor continuously on. In this mode, the voltage
drop on LED is equal to the input voltage minus the voltage drop across the P-Channel transistor, Inductor and current resistor:
R
R
R
ILED
V
V
S
L
)
ON
(
DS
IN
LEDDROP
Where RDS(ON) = P-Channel switch ON resistance, ILED = LED current, RL = Inductor DC Resistance, RS = Inductor DC Resistance.
Thermal Shutdown
When the die temperature exceeds +150°C, a reset occurs and the reset remains until the temperature decrease to +120°C, at which time the
circuit can be restarted.
PCB Layout Check List
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the PAM2804. These items are
also illustrated graphically in Figure 1. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short, direct and wide.
2. Does the VFB pin connect directly to the current sense resistor? The current sense resistor to GND trace should be kept short, direct and wide.
3. Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC current to the internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive VFB node.
5. Keep the (
–) plates of CIN and COUT as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com