Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2804 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2804
Description  1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2804 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2804 Datasheet HTML 1Page - Diodes Incorporated PAM2804 Datasheet HTML 2Page - Diodes Incorporated PAM2804 Datasheet HTML 3Page - Diodes Incorporated PAM2804 Datasheet HTML 4Page - Diodes Incorporated PAM2804 Datasheet HTML 5Page - Diodes Incorporated PAM2804 Datasheet HTML 6Page - Diodes Incorporated PAM2804 Datasheet HTML 7Page - Diodes Incorporated PAM2804 Datasheet HTML 8Page - Diodes Incorporated PAM2804 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PAM2804
Document number: DS36403 Rev. 3 - 2
2 of 10
www.diodes.com
September 2015
© Diodes Incorporated
PAM2804
Pin Description
Pin
Number
Pin
Name
Function
1
EN
Enable control input. Force this pin voltage above 1.5V, enables the chip,
and below 0.3V shuts down the device.
2
GND
Ground
3
SW
The drains of the internal main and synchronous power MOSFET.
4
VIN
Chip main power supply pin.
5
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.1V.
Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Pin Voltage
-0.3 to +6.5
V
EN, FB Pin Voltage
-0.3 to VIN
SW Pin Voltage
-0.3 to (VIN +0.3)
Junction Temperature Range
150
°C
Storage Temperature Range
-65 to +150
Soldering Temperature
+300, 5sec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com