Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3064 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated AP3064 Datasheet HTML 13Page - Diodes Incorporated AP3064 Datasheet HTML 14Page - Diodes Incorporated AP3064 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
11 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Ordering Information
Blank : Tube
AP3064 XX XX – XX
Packing
Package
Product Name
TR : Tape & Reel
M : SOIC-16
G1 : Green
RoHS/Green
MP : PSOP-16
P : DIP-16
FN : QFN-4x4-16
Package
Temperature
Range
Part Number
Marking ID
Packing
SOIC-16
-40 to +85°C
AP3064MTR-G1
AP3064M-G1
4000/13
” Tape & Reel
PSOP-16
AP3064MPTR-G1
AP3064MP-G1
4000/13
” Tape & Reel
DIP-16
AP3064P-G1
AP3064P-G1
25/Tube
QFN-4×4-16
AP3064FNTR-G1
BJA
5000/13
” Tape & Reel
Marking Information
(1)
SOIC-16
(Top View)
(2)
PSOP-16
(Top View)
First Line: Logo and Marking ID
Second Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number
AP3064M-G1
YWWAXX
First Line: Logo and Marking ID
Second Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number
AP3064MP-G1
YWWAXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com