Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3064 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3064 Datasheet HTML 9Page - Diodes Incorporated AP3064 Datasheet HTML 10Page - Diodes Incorporated AP3064 Datasheet HTML 11Page - Diodes Incorporated AP3064 Datasheet HTML 12Page - Diodes Incorporated AP3064 Datasheet HTML 13Page - Diodes Incorporated AP3064 Datasheet HTML 14Page - Diodes Incorporated AP3064 Datasheet HTML 15Page - Diodes Incorporated AP3064 Datasheet HTML 16Page - Diodes Incorporated AP3064 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
13 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: SOIC-16
7 °
5.800(0. 228)
6.240(0. 246)
0.310(0. 012)
0.510(0. 020)
20:1
A
D1
7
°
0 °
8 °
B
C
S 1.000(0.039)
0.200(0. 008)
20:1
B
C
50:1
C-C
0.200(0.008)
0.250(0.010)
0.400(0. 016)
1.270(0. 050)
0.250(0.010)
Depth 0.200(0.008)
0.250(0.010)
0.050(0.002)
R
0.200(0. 008)
R
0.200(0. 008)
A
3.800(0. 150)
4.040(0. 159)
3 °
8 °
9.5
°
8 °
8 °
7 °
0.400(0. 016)
×45 °
Note: Eject hole, oriented hole and mold mark is optional.
φ
D
0.150(0. 006)
0.070(0. 003)
0.070(0. 003)
.
Symbol
D
D1
min(mm) max(mm)
max(mm)
min(mm)
min(inch)
min(inch)
max(inch)
max(inch)
Option1
Option2
1.350
-
1.750
1.260
0.069
-
0.050
1.650
-
1.250
1.020
0.049
0.040
0.065
-
0.053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com