Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3064 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3064 Datasheet HTML 1Page - Diodes Incorporated AP3064 Datasheet HTML 2Page - Diodes Incorporated AP3064 Datasheet HTML 3Page - Diodes Incorporated AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
2 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Typical Applications Circuit
VIN
C1
L
D1
C3
ROV1
ROV2
VOUT
13X4
RISET
ON OFF
RT
R15
CVCC
EN
RT
COMP
VCC
STATUS
GND
ISET
DIM
CH1
OVP
CS
OUT
VIN
CH4
ON OFF
R1
47
mH
STATUS
0.3
W
22
mF
1M
36k
10k
22
mF
10k
120k
2.2
mF
100k
1k
0.22
mF
C7
Q1
300k
600
W@100MHz
C4
22
mF
R2
0.3
W
R3
C2
FB
R4 0W
C5
NC
R5
R6
R7
R8 10k
300k
R14
0
W
NC
R13 2W
C
820pF
Pin Description
Pin Number
Pin Name
Function
SOIC-16
/PSOP-16
DIP-16
QFN-
4×4-16
1
1
3
CH4
LED current sink 4. Leave the pin open directly if not used
2
3
5
ISET
LED current setting pin. The corresponding maximum current of all 4 strings
is set through connecting a resistor from this pin to GND
3
2
4
OVP
Over voltage protection pin. When the OVP pin voltage exceeds 2.0V, the
OVP is triggered and the power switch is turned off. When the OVP pin
voltage drops below hysteresis voltage, the OVP is released and the power
switch will resume normal operation
4
4
6
RT
Frequency control pin
5
5
7
EN
ON/OFF control pin. Forcing this pin above 2.4V enables the IC while below
0.5V shuts down the IC. When the IC is in shutdown mode, all functions are
disabled to decrease the supply current below 3µA
6
6
8
CS
Power switch current sense input
7
7
9
OUT
Boost converter power switch gate output. This pin output high voltage
(5V/VIN-0.5V) to drive the external N-MOSFET
8
8
10
VCC
5V linear regulator output pin. This pin should be bypassed to GND
(recommend to connect with GND pin) with a ceramic capacitor
9
9
11
VIN
Supply input pin. A capacitor (typical 10µF) should be connected between
the VIN and GND to keep the DC input voltage constant
10
10
12
STATUS
LED operation status output
11
11
13
COMP
Soft-start and control loop compensation
12
12
14
DIM
PWM dimming control pin.
Adding a PWM signal to this pin to control LED dimming. If not used, connect
it to the high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com