Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3064 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3064 Datasheet HTML 1Page - Diodes Incorporated AP3064 Datasheet HTML 2Page - Diodes Incorporated AP3064 Datasheet HTML 3Page - Diodes Incorporated AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
3 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Pin Description (Cont.)
Pin Number
Pin Name
Function
13
13
15
CH1
LED current sink 1. Leave the pin open directly if not used
14
14
16
CH2
LED current sink 2. Leave the pin open directly if not used
15
15
1
GND
Ground
16
16
2
CH3
LED current sink 3. Leave the pin open directly if not used
Functional Block Diagram
OVP
EN
VIN
VCC
OUT
COMP
CS
RT
GND
9(11){9}
5(7){5}
3(4){2}
4(6){4}
11(13){11}
6 ( 8){6}
15(1){15}
7 (9){7}
8(10){8}
BANDGAP
1. 25V
EN
REFERENCE
5V
100mV
2V
OVP
OTSD
OSC
CLK
SAW
EA
PWM
SAW
OCP
540mV
CLK
R
S Q
DRIVE
LOGIC
CH1
Current Sink
Current Sink
Current Sink
Current Sink
VCC
PWM Dimming
12(14){12}
FB
VREF
VCC
+
OPA
13(15){13}
14(16){14}
16(2){16}
1(3){1}
STATUS
10(12){10}
CH2
CH3
CH4
ISET
DIM
2(5){3}
Vch-reg
Diode/
Inductor
Short
3.2V
A(B){C}
A for SOIC-16 and PSOP-16
B for QFN-4×4-16
C for DIP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com