Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARW Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 35Page - Analog Devices ADE7758ARW Datasheet HTML 36Page - Analog Devices ADE7758ARW Datasheet HTML 37Page - Analog Devices ADE7758ARW Datasheet HTML 38Page - Analog Devices ADE7758ARW Datasheet HTML 39Page - Analog Devices ADE7758ARW Datasheet HTML 40Page - Analog Devices ADE7758ARW Datasheet HTML 41Page - Analog Devices ADE7758ARW Datasheet HTML 42Page - Analog Devices ADE7758ARW Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
ADE7758
Rev. A | Page 39 of 68
For a pure sinusoidal system, the two approaches should yield
the same result. The apparent energy calculation in the ADE7758
uses the arithmetical approach. However, the line cycle energy
accumulation mode in the ADE7758 enables energy accumula-
tion between active and reactive energies over a synchronous
period of time, thus the vectorial method can be easily
implemented in the external MCU (see the Line Cycle Active
Energy Accumulation Mode section).
Note that apparent power is always positive regardless of the
direction of the active or reactive energy flows. The rms value of
the current and voltage in each phase is multiplied to produce
the apparent power of the corresponding phase. The output
from the multiplier is then low-pass filtered to obtain the
average apparent power. The frequency response of the LPF in
the apparent power signal path is identical to that of the LPF2
used in the average active power calculation (see Figure 65).
Apparent Power Gain Calibration
Note that the average active power result from the LPF output
in each phase can be scaled by ±50% by writing to the phase’s
VAGAIN register (AVAG, BVAG, or CVAG). The VAGAIN
registers are twos complement, signed registers and have a
resolution of 0.024%/LSB. The function of the VAGAIN
registers is expressed below mathematically.
=
Power
Apparent
Average
⎟
⎠
⎞
⎜
⎝
⎛ +
×
12
2
Register
VAGAIN
Output
LPF
1
2
The output is scaled by –50% when the VAR gain registers
contents are set to 0x800 and the output is increased by +50%
by writing 0x7FF to the watt gain register. This register can be
used to calibrate the apparent power (or energy) calculation in
the ADE7758 for each phase.
Apparent Power Offset Calibration
Each rms measurement includes an offset compensation
register to calibrate and eliminate the dc component in the rms
value (see the Current RMS Calculation and Voltage Channel
RMS Calculation sections). The voltage and current rms values
are then multiplied together in the apparent power signal
processing. As no additional offsets are created in the
multiplication of the rms values, there is no specific offset
compensation in the apparent power signal processing. The
offset compensation of the apparent power measurement in
each phase should be done by calibrating each individual rms
measurement (see the Calibration section).
Apparent Energy Calculation
Apparent energy is defined as the integral of apparent power.
Apparent Energy = ∫ S(t) dt
(24)
Similar to active and reactive energy, the ADE7758 achieves the
integration of the apparent power signal by continuously
accumulating the apparent power signal in the internal 40-bit,
unsigned accumulation registers. The VA-hr registers (AVAHR,
BVAHR, and CVAHR) represent the upper 16 bits of these
internal registers. This discrete time accumulation or summation
is equivalent to integration in continuous time. Equation 25
below expresses the relationship
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
n
T
nT
S
Lim
dt
t
S
Energy
Apparent
0
T
(25)
where n is the discrete time sample number and T is the sample
period.
Figure 75 shows the signal path of the apparent energy accumu-
lation. The apparent power signal is continuously added to the
internal apparent energy register. The average apparent power is
divided by the content of the VA divider register before they are
added to the corresponding VA-hr accumulation registers. When
the value in the VADIV[7:0] register is 0 or 1, apparent power is
accumulated without any division. VADIV is an 8-bit unsigned
register that is useful to lengthen the time it takes before the
VA-hr accumulation registers overflow.
Similar to active or reactive power accumulation, the fastest
integration time occurs when the VAGAIN registers are set to
maximum full scale, i.e., 0x7FF. When overflow occurs, the
VA-hr accumulation registers contents can roll over to 0 and
continue increasing in value. By setting the VAEHF bit (Bit 2) of
the mask register, the ADE7758 can be configured to issue an
interrupt (IRQ) when the MSB of any one of the three VA-hr
accumulation registers has changed, indicating that the
accumulation register is half full.
Setting the RSTREAD bit (Bit 6) of the LCYMODE register
enables a read-with-reset for the VA-hr accumulation registers,
i.e., the registers are reset to 0 after a read operation.
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation
register is 0.4 µs (4/CLKIN). With full-scale, 60 Hz sinusoidal
signals on the analog inputs and the VAGAIN registers set to
0x000, the average word value from each LPF2 is 0xB9954. The
maximum value that can be stored in the apparent energy
register before it overflows is 216 − 1 or 0xFFFF. As the average
word value is first added to the internal register, which can store
241 − 1 or 0x1FF, FFFF, FFFF before it overflows, the integration
time under these conditions with VADIV = 0 is calculated as
second
1.157
μs
0.4
0xB9954
FFFF
FFFF,
0x1FF,
=
×
=
Time
When VADIV is set to a value different from 0, the time before
overflow is scaled accordingly as shown in Equation 26.
(
) VADIV
0
VADIV
Time
Time
×
=
=
(26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com