Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARW Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 40Page - Analog Devices ADE7758ARW Datasheet HTML 41Page - Analog Devices ADE7758ARW Datasheet HTML 42Page - Analog Devices ADE7758ARW Datasheet HTML 43Page - Analog Devices ADE7758ARW Datasheet HTML 44Page - Analog Devices ADE7758ARW Datasheet HTML 45Page - Analog Devices ADE7758ARW Datasheet HTML 46Page - Analog Devices ADE7758ARW Datasheet HTML 47Page - Analog Devices ADE7758ARW Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
ADE7758
Rev. A | Page 44 of 68
is approximately 16 kHz. A sample set of meters could be tested
to find a more exact value of the pulse output at full scale.
To calculated the values for APCFNUM/APCFDEN and
VARCFNUM/VARCFDEN use the following formulas
FULLSCALE
TEST
FULLSCALE
NOM
NOMINAL
I
I
V
V
kHz
APCF
×
×
= 16
(27)
( )
θ
×
×
×
×
=
cos
600
,
3
000
,
1
NOM
TEST
EXPECTED
V
I
MC
APCF
(28)
⎟
⎠
⎞
⎜
⎝
⎛
=
EXPECTED
NOMINAL
APCF
APCF
INT
APCFDEN
(29)
where MC is the meter constant, ITEST is the test current, VNOM is
the nominal voltage that the meter is tested at, and VFULLSCALE
and IFULLSCALE are the values of current and voltage, which
correspond to the full scale ADC inputs of the ADE7758. θ is
the angle between the current and the voltage channel, and the
APCFEXPECTED value is equivalent to the reference meter output
under the test conditions.
The equations for calculating the VARCFNUM and
VARCFDEN during VAR calibration are similar, with one
exception
( )
θ
×
×
×
×
=
sin
600
,
3
000
,
1
NOM
TEST
EXPECTED
V
I
MC
VARCF
(30)
Because the CFNUM and CFDEN values can be calculated
from the meter design, these values can be written to the part
automatically during production calibration.
Step 5: Set the test system for ITEST, VNOM, and the unity power
factor. For VAR calibration, the power factor should be set to 0
in this step. For watt and VA, the unity power factor should be
used. VAGAIN can be calibrated at the same time as WGAIN
because VAGAIN can be calibrated at the unity power factor,
and both pulse outputs can be measured simultaneously.
However, when calibrating VAGAIN at the same time as
WGAIN, the rms offsets should be calibrated first (see the
Calibration of IRMS and VRMS Offset section).
Step 6: Measure the percent error in the pulse output, APCF
and/or VARCF, from the reference meter:
%
100
–
%
×
=
REF
REF
CF
CF
APCF
Error
(31)
where CFREF = APCFEXPECTED = the pulse output of the reference
meter.
Step 7: Calculate xWG adjustment. One LSB change in xWG
(12 bits) changes the WATTHR register by 0.0244% and
therefore APCF by 0.0244%. The same relationship holds true
for VARCF.
=
EXPECTED
APCF
[]
[]
[
]
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
12
2
0
:
11
1
0
:
11
0
:
11
xWG
APCFDEN
APCFNUM
APCFNOMINAL
(32)
%
0244
.
0
%
–
Error
xWG =
(33)
When APCF is calibrated, the xWATTHR registers have the
same Wh/LSB from meter to meter if the meter constant and
the APCFNUM/APCFDEN ratio remain the same. The
Wh/LSB constant is
WDIV
APCFNUM
APCFDEN
C
M
LSB
Wh
1
000
,
1
4
1
×
×
×
=
(34)
Step 8: Return to Step 2 to calibrate Phase B and Phase C gain.
Example—Watt Gain Calibration of Phase A
Using Pulse Output
For this example, ITEST = 10 A, VNOM = 220 V, VFULLSCALE = 500 V,
IFULLSCALE = 130 A, MC = 3200 impulses/kWh, Power Factor = 1,
and Frequency = 50 Hz.
Set APCFNUM(0x45) and APCFDEN(0x46) to the calculated
value to perform a coarse adjustment on the imp/kWh ratio.
Using Equations 27 through 29.
kHz
542
.
0
130
10
500
220
16
=
×
×
=
kHz
APCFNOMINAL
()
Hz
96
.
1
0
cos
600
,
3
000
,
1
220
10
200
,
3
=
×
×
×
×
=
EXPECTED
APCF
277
Hz
96
.
1
Hz
542
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
= INT
APCFDEN
With ITEST, VNOM, and the unity power factor, the example
ADE7758 meter shows 1.92 Hz on the pulse output. This is
equivalent to a 2.04% error from the reference meter value
using Equation 31.
%
04
.
2
%
100
Hz
96
.
1
Hz
96
.
1
–
Hz
92
.
1
%
=
×
=
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com