Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARW Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 16Page - Analog Devices ADE7758ARW Datasheet HTML 17Page - Analog Devices ADE7758ARW Datasheet HTML 18Page - Analog Devices ADE7758ARW Datasheet HTML 19Page - Analog Devices ADE7758ARW Datasheet HTML 20Page - Analog Devices ADE7758ARW Datasheet HTML 21Page - Analog Devices ADE7758ARW Datasheet HTML 22Page - Analog Devices ADE7758ARW Datasheet HTML 23Page - Analog Devices ADE7758ARW Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
ADE7758
Rev. A | Page 20 of 68
CURRENT CHANNEL ADC
Figure 41 shows the ADC and signal processing path for the
input IA of the current channels (same for IB and IC). In
waveform sampling mode, the ADC outputs are signed twos
complement 24-bit data-words at a maximum of 26.0 kSPS
(thousand samples per second). With the specified full-scale
analog input signal of ±0.5 V, the ADC produces its maximum
output code value (see Figure 41). This diagram shows a full-
scale voltage signal being applied to the differential inputs IAP
and IAN. The ADC output swings between 0xD7AE14
(−2,642,412) and 0x2851EC (+2,642,412).
Current Waveform Gain Registers
There is a multiplier in the signal path in the current channel
for each phase. The current waveform can be changed by ±50%
by writing a twos complement number to the 12-bit signed
current waveform gain registers (AIGAIN[11:0], BIGAIN[11:0],
and CIGAIN[11:0]). For example, if 0x7FF is written to those
registers, the ADC output is scaled up by +50%. On the other
hand, writing 0x800 scaled by the output –50%. The expression
below describes mathematically the function of the current
waveform gain registers.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
12
2
1
Register
Gain
Current
of
Content
Output
ADC
Waveform
Current
Changing the content of AIGAIN[11:0], BIGAIN[11:0], or
CIGAIN[11:0] affects all calculations based on its current, i.e., it
affects the phase’s active/reactive/apparent energy as well as its
current rms calculation. In addition, waveform samples are also
scaled accordingly.
Current Channel Sampling
The waveform samples of the current channel can be routed to
the WFORM register at fixed sampling rates by setting the
WAVSEL[2:0] bit in the WAVMODE register to 000 (binary).
The phase in which the samples are routed is set by setting the
PHSEL[1:0] bits in the WAVMODE register. Energy calculation
remains uninterrupted during waveform sampling.
When in waveform sample mode, one of four output sample
rates may be chosen by using Bit 5 and Bit 6 of the WAVMODE
register (DTRT[1:0]). The output sample rate may be 26.0 kSPS,
13.0 kSPS, 6.5 kSPS, or 3.3 kSPS (see Table 16). By setting the
WSMP bit in the interrupt mask register to Logic 1, the interrupt
request output IRQ goes active low when a sample is available.
The timing is shown in Figure 40. The 24-bit waveform samples
are transferred from the ADE7758 one byte (8-bits) at a time,
with the most significant byte shifted out first.
READ FROM WAVEFORM
0
SGN
CURRENT CHANNEL DATA–24 BITS
12Hex
SCLK
DIN
DOUT
IRQ
Figure 40. Current Channel Waveform Sampling
The interrupt request output IRQ stays low until the interrupt
routine reads the reset status register (see ADE7758 Interrupts).
DIGITAL
INTEGRATOR*
GAIN[7]
ADC
REFERENCE
AIGAIN[11:0]
ACTIVE AND REACTIVE
POWER CALCULATION
WAVEFORM SAMPLE
REGISTER
CURRENT RMS (IRMS)
CALCULATION
IAP
IAN
PGA1
VIN
GAIN[4:3]
2.42V, 1.21V, 0.6V
GAIN[1:0]
×1, ×2, ×4
ANALOG
INPUT
RANGE
VIN
0V
0.5V/GAIN
0.25V/GAIN
0.125V/GAIN
ADC OUTPUT
WORD RANGE
CHANNEL 1
(CURRENT WAVEFORM)
DATA RANGE
0xD7AE14
0x000000
0x2851EC
50Hz
CHANNEL 1 (CURRENT WAVEFORM)
DATA RANGE AFTER INTEGRATOR
(50Hz AND AIGAIN[11:0] = 0x000)
0xCB2E48
0x000000
0x34D1B8
60Hz
CHANNEL 1 (CURRENT WAVEFORM)
DATA RANGE AFTER INTEGRATOR
(60Hz AND AIGAIN[11:0] = 0x000)
0xD4176D
0x000000
0x2BE893
HPF
Figure 41. Current Channel Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com