Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARW Datasheet(PDF) 62 Page - Analog Devices

Part # ADE7758ARW
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARW Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE7758ARW Datasheet HTML 58Page - Analog Devices ADE7758ARW Datasheet HTML 59Page - Analog Devices ADE7758ARW Datasheet HTML 60Page - Analog Devices ADE7758ARW Datasheet HTML 61Page - Analog Devices ADE7758ARW Datasheet HTML 62Page - Analog Devices ADE7758ARW Datasheet HTML 63Page - Analog Devices ADE7758ARW Datasheet HTML 64Page - Analog Devices ADE7758ARW Datasheet HTML 65Page - Analog Devices ADE7758ARW Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
ADE7758
Rev. A | Page 62 of 68
MEASUREMENT MODE REGISTER (0x14)
The configuration of the PERIOD and peak measurements made by the ADE7758 is defined by writing to the MMODE register.
Table 15 summarizes the functionality of each bit in the MMODE register.
Table 15. MMODE Register
Bit
Location
Bit
Mnemonic
Default
Value
Description
0 to 1
FREQSEL
0
These bits are used to select the source of the measurement of the voltage line frequency.
FREQSEL1
FREQSEL0
Source
0
0
Phase A
0
1
Phase B
1
0
Phase C
1
1
Reserved
2 to 4
PEAKSEL
7
These bits select the phases used for the voltage and current peak registers. Setting Bit 2 switches the
IPEAK and VPEAK registers to hold the absolute values of the largest current and voltage waveform
(over a fixed number of half-line cycles) from Phase A. The number of half-line cycles is determined by
the content of the LINECYC register. At the end of the LINECYC number of half-line cycles, the content
of the registers is replaced with the new peak values. Similarly, setting Bit 3 turns on the peak
detection for Phase B and Bit 4 is for Phase C. Note that if more than one bit is set, the VPEAK and
IPEAK registers can hold values from two different phases, i.e., the voltage and current peak are
independently processed (see the Peak Current Detection section).
5 to 7
PKIRQSEL
7
These bits select the phases used for the peak interrupt detection. Setting Bit 5 switches on the
monitoring of the absolute current and voltage waveform to Phase A. Similarly, setting Bit 6 turns on
the waveform detection for Phase B and Bit 7 is for Phase C. Note that more than one bit can be set for
detection on multiple phases. If the absolute values of the voltage or current waveform samples in
the selected phases exceeds the preset level specified in the PKVLVL or PKILVL registers, the
corresponding bit(s) in the STATUS registers are set (see the Peak Current Detection section).
WAVEFORM MODE REGISTER (0x15)
The waveform sampling mode of the ADE7758 is defined by writing to the WAVMODE register. Table 16 summarizes the functionality of
each bit in the WAVMODE register.
Table 16. WAVMODE Register
Bit
Location
Bit
Mnemonic
Default
Value
Description
0 to 1
PHSEL
0
These bits are used to select the phase of the waveform sample.
PHSEL[1:0]
Source
0
0
Phase A
0
1
Phase B
1
0
Phase C
1
1
Reserved
2 to 4
WAVSEL
0
These bits are used to select the type of waveform.
WAVSEL[2:0]
Source
0
0
0
Current
0
0
1
Voltage
0
1
0
Active Power Multiplier Output
0
1
1
Reactive Power Multiplier Output
1
0
0
VA Multiplier Output
-Others-
Reserved
5 to 6
DTRT
0
These bits are used to select the data rate.
DTRT[1:0]
Update Rate
0
0
26.0 kSPS (CLKIN/3/128)
0
1
13.0 kSPS (CLKIN/3/256)
1
0
6.5 kSPS (CLKIN/3/512)
1
1
3.3 kSPS (CLKIN/3/1024)
7
VACF
0
Setting this bit to Logic 1 switches the VARCF output pin to an output frequency that is
proportional to the total apparent power (VA). In the default state, Logic 0, the VARCF pin outputs
a frequency proportional to the total reactive power (VAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com