Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6380L Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM6380L
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6380L Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM6380L Datasheet HTML 29Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 30Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 31Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 32Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 33Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 34Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 35Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 36Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
33
Version: DM336P-DS-F02
August 15, 2000
DM6380 AC Characteristics (VDD = 5V, Tc= 0
o
C to 85
o
C)
Serial Port Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
1
SCLK Period
49
ns
2
SCLK Low Width
24
ns
3
SCLK High Width
24
ns
4
SCLK Rise Time
5
ns
5
SCLK Fall Time
5
ns
6
FS To SCLK Setup
17
ns
7
FS To SCLK Hold
17
ns
8
DI To SCLK Setup
5
ns
9
DI To SCLK Hold
5
ns
10
SCLK High To DO Valid
8
ns
11
SCLK To DO Hiz
8
ns
1
23
4
5
6
7
89
First Bus
First Bus
Last Bus
Last Bus
Hiz
11
10
SCLK
FS
DI
DO
DM6380 Performance
(VDD= 5V, Tc= 0
o
C to 85
o
C, FQ= 20.16MHz, Measurement Band= 220Hz to 3.6KHz, RX DPLL Free Running)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Gabs
Absolute Gain At 1KHz
-0.5
0.5
dB
RX signal: VIN= 2.5 VPP, f = 1KHz
THD
Total Harmonic Distortion
-84
dB
Tx signal: VOUT (diff)= 5 VPP, f =
1KHz
DR
Dynamic Range
86
dB
f = 1KHz
PSRR
Power Supply Rejection
Ratio
50
dB
f = 1KHz, VAC = 200m VPP
CTxRx
Crosstalk
95
dB
Transmit channel to receive channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com