Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6380L Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM6380L
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6380L Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM6380L Datasheet HTML 32Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 33Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 34Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 35Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 36Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 37Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 38Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 39Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
38
Final
Version: DM336P-DS-F02
August 15, 2000
Package Information
QFP 100L Outline Dimensions
unit: inches/mm
Seating Plane
1
30
b
31
50
51
80
81
100
H D
D
e
G D
See Detail F
y
L
G D
L 1
Detail F
Symbol
Dimensions In Inches
Dimensions In mm
A
0.130 Max.
3.30 Max.
A1
0.004 Min.
0.10 Min.
A2
0.112
0.005
2.85
0.13
b0.012 +0.004
0.31 +0.10
-0.002
-0.05
c0.006 +0.004
0.15 +0.10
-0.002
-0.05
D
0.551
0.005
14.00
0.13
E
0.787
0.005
20.00
0.13
e
0.026
0.006
0.65
0.15
F
0.742 NOM.
18.85 NOM.
GD
0.693 NOM.
17.60 NOM.
GE
0.929 NOM.
23.60 NOM.
HD
0.740
0.012
18.80
0.31
HE
0.976
0.012
24.79
0.31
L
0.047
0.008
1.19
0.20
L1
0.095
0.008
2.41
0.20
y
0.006 Max.
0.15 Max.
θ
0
° ~ 12°
0
° ~ 12°
Note:
1. Dimensions D&E do not include resin fins.
2. Dimensions GD & GE are for PC Board surface mount pad pitch
design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com