Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6380L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM6380L
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6380L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM6380L Datasheet HTML 1Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 2Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
4
Final
Version: DM336P-DS-F02
August 15, 2000
• Chip 1 : DM6383 Modem Controller Unit With PnP For ISA (MCU)
DM6383 Description
The DM6383 Modem Control Unit (MCU) is designed
for use in high speed internal and external modem
applications. Its interface is compatible with the
DM6381/DM6382 Transmit and Receive Digital
Signal Processor Chipset. The DM6383 incorporates
a micro-controller 80C31, virtual 16550A UART (with
FIFO mode), I/O and Plug & Play control logic. The
DM6383 MCU performs the general modem control
functions. It is also designed to provide Plug and Play
capability for ISA bus systems by implementing PnP
control logic. The PnP logic supports hardware &
software selectable options to allow users to
configure the internal modem card without jumpers.
DM6383 Block Diagram
8031
Micro-Controller
I/O Control Logic
Virtual 16550
UART
PC Data Bus
IRQ & R/W Control
RS 232 Interface
Mode Selection
External ROM,
RAM Interface
Modem Control
Interface
PC Address Bus
PnP Control
Logic
DM6383 Features
• Control interface support
• Supports parallel and serial interfaces
• Includes a micro-controller 80C31
• Maximum access 128K bytes external program
memory
• Maximum access 64K bytes external data memory
• Provides automatic configuration capability to
Industry
• Configuration selectable by software
• Interrupt lines selectable
• I/O base conflict avoidable
• Includes a virtual 16550A UART compatible parallel
interface
• Fully programmable serial interface:
- 6-, 7- or 8-bit characters
- Even, odd, or no-parity bit generation and
detection
- 1 and 2 stop bit generation
- Baud rate generation
• Includes I/O control logic for modem control
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com