Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6380L Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM6380L
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM6380L Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM6380L Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 13Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 14Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 15Page - List of Unclassifed Manufacturers DM6380L Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
12
Final
Version: DM336P-DS-F02
August 15, 2000
f. Modem Control Register (MCR): Address 4
Reset State 00h
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
000000
RTS DTR
Bit 0: This bit asserts a Data Terminal Ready
condition that is readable via port P1.1 of micro-
controller 8031. When bit 0 is set to logic 1, the
P1.1 is forced to logic 0. When bit 0 is reset to
logic 0, the P1.1 is forced to logic 1.
Bit 1: This bit asserts a Request To Send condition
that is readable via port P3.4 of the micro-
controller 8031. Bit 1 affects P3.4 in a manner
identical to that described above for bit 0.
g. Line Status Register (LSR): Address 5
Reset State 60h, Read only
bit7
bit6
bit5
bit4 bit3 bit2 bit1 bit0
RCV ETEMT THRE
BI
FE
PE
OE
DR
This register provides status information to the host
PC concerning the data transfer. Bit 1-4 indicate the
error conditions that produce a Receiver Line Status
interrupt whenever any of the corresponding
conditions are detected. The Line Status Register is
intended for read operations only.
Bit 0: Set to logic 1 when a received character is
available in the RxFIFO. This bit is reset to logic
0 when the RxFIFO is empty.
Bit 1: An Overrun error will occur only after the
RxFIFO is full and the next character has
overwritten the unread FIFO data. This bit is
reset upon reading the Line Status Register.
Bit 2: A value of logic 1 indicates that a received
character does not have the correct even or
odd parity as selected by the Even Parity Select
bit. This error is set when the corresponding
character is at the top of the RxFIFO. It will
remain set until the CPU reads the LSR. This
Parity Error indication is associated with the
particular character in the FIFO to which it
applies. This error is revealed to the CPU when
its associated character is at the top of the
FIFO.
Bit 3: This bit is the Framing Error (FE) indicator. Bit 3
indicates that the received character did not
have a valid stop bit. Bit 3 is set to a logic 1
whenever the stop bit following the last data bit
or parity bit is detected as a zero bit (spacing
level). The FE bit is reset whenever the CPU
reads the contents of the Line Status Register.
The FE error condition is associated with the
particular character in the FIFO to which it
applies. This error is revealed to the CPU when
its associated character is at the top of the
FIFO.h. Modem Status Register (MSR):
Address 6 Reset State, bit 0-3: low, bit 4-7:
input signal.
Bit 4: This bit is a Break Interrupt (BI) indicator. Bit 4
is set to logic 1 whenever the received data
input is held in the Spacing (logic 0) state for
longer than a full word transmission time (that is,
the total time of Start bit + data bits + Parity +
Stop bits). The BI indicator is reset whenever
the CPU reads the contents of the Line Status
Register. The BI error condition is associated
with the particular character in the FIFO to
which it applies. This error is revealed to the
CPU when its associated character is at the top
of the FIFO.
Bit 5: This bit is a Transmitter Holding Register Empty
indicator. Bit 5 indicates that UART is ready to
accept a new character for transmission. In
addition, this bit causes UART to issue an
interrupt to the CPU when the Transmit Holding
Register Empty Interrupt Enable is set high. The
THRE bit is reset to logic 0 when the host CPU
loads a character into the Transmit Holding
register. In the FIFO mode, this bit is set when
the TxFIFO is empty, and is cleared when at
least 1 byte is written to the TxFIFO.
Bit 6: This bit is the Transmitter Empty indicator. Bit 6
is set to a logic 1 whenever the Transmitter
Holding Register (THR) is empty, and is reset to
a logic 0 whenever the THR contains a
character. In FIFO mode, this bit is set to 1
whenever the transmitter FIFO is empty.
Bit 7: In character mode, this bit is 0. In FIFO mode,
this bit is set when there is at least one parity
error, framing error, or break indication in the
FIFO. If there are no subsequent errors in the
FIFO, LSR7 is cleared when the CPU reads the
LSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com