Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7140 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 2 Page - Copal Electronics

  DP7140 Datasheet HTML 1Page - Copal Electronics DP7140 Datasheet HTML 2Page - Copal Electronics DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DP7140
2
Table 1. ORDERING INFORMATION
Part Number
Resistance
Temperature Range
Package
Shipping
DP7140ZI 50 GT3
50 k
40 C to 85 C
MSOP 8 3x3
(Pb Free)
3000/Tape & Reel
DP7140ZI 00 GT3
100 k
3000/Tape & Reel
Table 2. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
WP
Memory Write Protect: Active Low
2
SCL
Serial Clock
3
SDA
Serial Data
4
GND
Ground
5
RW
Wiper Terminal
6
RL
Potentiometer Low Terminal
7
RH
Potentiometer High Terminal
8
VCC
Supply Voltage
WP: Write Protect Input
The WP pin when tied low prevents any write operations
within the device.
SCL: Serial Clock
The DP7140 serial clock input pin is used to clock all
data transfers into or out of the device.
SDA: Serial Data
The DP7140 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin is an
open drain output and can be wire-Ored with the other open
drain or open collector I/Os.
RH,RL: Resistor End Points
The set of RH and RL pins is equivalent to the terminal
connections on a mechanical potentiometer.
RW: Wiper
The RW pin is equivalent to the wiper terminal of a
mechanical potentiometer and its position is controlled by
the WR register.
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN Supply Voltage VCC to Ground (Note 1)
0.5 to +7
V
Terminal voltages: RH, RL, RW , SDA, SCL, WP
0.5 to VCC + 0.5
V
Wiper Current
6.0
mA
Storage Temperature Range
65 to +150
C
Junction Temperature Range
40 to +150
C
Lead Soldering Temperature (10 seconds)
300
C
ESD Rating HBM (Human Body Model)
2000
V
ESD Rating MM (Machine Model)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
Table 4. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VCC
2.5 to 5.5
V
Wiper Current
3
mA
Temperature Range
40 to +85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com