Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7140 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 4 Page - Copal Electronics

  DP7140 Datasheet HTML 1Page - Copal Electronics DP7140 Datasheet HTML 2Page - Copal Electronics DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DP7140
4
Table 7. CAPACITANCE (TA = 25 C, f = 1.0 MHz, VCC = 5 V)
Test
Test Conditions
Symbol
Max
Units
Input/Output Capacitance (SDA)
VI/O = 0 V
CI/O (Note 8)
8
pF
Input Capacitance (SCL, WP)
VIN = 0 V
CIN (Note 8)
6
pF
Table 8. POWER UP TIMING (Notes 8 and 9)
Parameter
Symbol
Max
Units
Power up to Read Operation
tPUR
1
ms
Power up to Write Operation
tPUW
1
ms
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated.
Table 9. DP TIMING
Parameter
Symbol
Min
Max
Units
Wiper Response Time After Power Supply Stable
tWRPO
50
s
Wiper Response Time: SCL falling edge after last bit of wiper position data
byte to wiper change
tWR
20
s
Table 10. ENDURANCE
Parameter
Reference Test Method
Symbol
Min
Max
Units
Endurance
MIL STD 883, Test Method 1033
NEND
2,000,000
Cycles
Data Retention
MIL STD 883, Test Method 1008
TDR
100
Years
Table 11. A.C. CHARACTERISTICS (VCC =+2.5V to +5.5 V, 40 C to +85 C unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Units
Clock Frequency
fSCL
400
kHz
Clock High Period
tHIGH
600
ns
Clock Low Period
tLOW
1300
ns
Start Condition Setup Time (for a Repeated Start Condition)
tSU:STA
600
ns
Start Condition Hold Time
tHD:STA
600
ns
Data in Setup Time
tSU:DAT
100
ns
Data in Hold Time
tHD:DAT
0
ns
Stop Condition Setup Time
tSU:STO
600
ns
Time the bus must be free before a new transmission can start
tBUF
1300
ns
WP Setup Time
tSU:WP
0
s
WP Hold Time
tHD:WP
2.5
s
SDA and SCL Rise Time
tR
300
ns
SDA and SCL Fall Time
tF
300
ns
Data Out Hold Time
tDH
100
ns
Noise Suppression Time Constant at SCL, SDA Inputs
TI
50
ns
SLC Low to SDA Data Out and ACK Out
tAA
1
s
Non Volatile Write Cycle Time
tWR
4
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com