Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7140 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 1 Page - Copal Electronics

  DP7140 Datasheet HTML 1Page - Copal Electronics DP7140 Datasheet HTML 2Page - Copal Electronics DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2009 NIDEC COPAL ELECTRONICS CORP.
May, 2009
Rev. 0
1
Publication Order Number:
DP7140/D
DP7140
Single Channel 256 Tap
DP with Integrated
EEPROM and I2C Control
The DP7140 is a single channel non-volatile
digital
(DP). This DP is
of a
s of equal
value
connected
between
two
y
accessible end
The
between each
e
t can be selectively connected to the
via
CMOS
.
The DP7140 contains a volatile
(WR) and an
non volatile EEPROM fo
wi e
ition and 5 additional
non volatile
data
I2
O
w
w
nis
to the
value
in the non volatile
The DP7140 is available in an Pb
RoHS
MSOP
and o
ates ove the indust ial
e atu e ange of
40 C to +85 C.
Features
400 kHz I2
T
End to End Resistance = 50 k
/ 100 k
/
S
T
W
@ 3.3
O
oltage = 2.5
to 5.5
8 bit Non volatile EEPROM
Data W
S
100 Yea
ata Retention
8 Lead MSOP Package
Pb
g
Figure 1. Functional Block Diagram
VCC
RH
RL
RW
WP
SCL
SDA
GND
Non Volatile
ACR
WIPER
IVR
GP
GP
GP
Volatile
PIN CONNECTIONS
RW
RL
RH
VCC
GND
SDA
SCL
WP
1
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MSOP 83x3
Z SUFFIX
CASE 846AD
ABTV = 100 k
Resistance
ABTJ = 50 k
Resistance
Y = Production Year
Y = (Last Digit)
M = Production Month
M = (1
9, A, B, C)
X = Production Revision
ABTV
YMX
MARKING DIAGRAM
1
ABTJ
YMX
1


Similar Part No. - DP7140

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
More results

Similar Description - DP7140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire bus
September 16, 2005
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus
September 14, 2005
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
Single Supply/Low Power/256-Tap/2-Wire Bus
March 28, 2005
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
Single Supply/Low Power/256-Tap/SPI Bus
March 31, 2005
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140 Datasheet
148Kb / 11P
Single Channel 256 Tap DPP with Integrated EEPROM and I2C Control
May, 2009 ??Rev. 0
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com