Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7140 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7140
Description  Single Channel 256 Tap
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7140 Datasheet(HTML) 3 Page - Copal Electronics

  DP7140 Datasheet HTML 1Page - Copal Electronics DP7140 Datasheet HTML 2Page - Copal Electronics DP7140 Datasheet HTML 3Page - Copal Electronics DP7140 Datasheet HTML 4Page - Copal Electronics DP7140 Datasheet HTML 5Page - Copal Electronics DP7140 Datasheet HTML 6Page - Copal Electronics DP7140 Datasheet HTML 7Page - Copal Electronics DP7140 Datasheet HTML 8Page - Copal Electronics DP7140 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DP7140
3
Table 5. POTENTIOMETER CHARACTERISTICS (Note 2) (VCC = +2.5 V to +5.5 V, 40 C to +85 C unless otherwise specified.)
Parameter
Test Conditions
Symbol
Limits
Units
Min
Typ
Max
Potentiometer Resistance
50
RPOT
50
k
Potentiometer Resistance
00
RPOT
100
k
Potentiometer Resistance Tolerance
20
%
Power Rating
25 C
50
mW
Wiper Current
IW
3
mA
Wiper Resistance
IW = 3 mA
VCC = 3.3 V
RW
70
200
Integral Non Linearity
Voltage Divider Mode
INL
1
LSB (Note 3)
Differential Non Linearity
DNL
0.5
LSB (Note 3)
Integral Non Linearity
Resistor Mode
RINL
1
LSB (Note 3)
Differential Non Linearity
RDNL
0.5
LSB (Note 3)
Voltage on RH or RL
VSS = 0 V
VTERM
VSS
VCC
V
Resolution
0.4
%
Zero Scale Error
0
0.5
2
LSB (Note 4)
Full Scale Error
2
0.5
0
LSB (Note 4)
Temperature Coefficient of RPOT
(Notes 5, 6)
TCRPOT
100
ppm/ C
Ratiometric Temp. Coefficient
(Notes 5, 6)
TCRATIO
20
ppm/ C
Potentiometer Capacitances
(Notes 5, 6)
CH/CL/CW
10/10/25
pF
Frequency Response
RPOT = 50 k (Note 7)
fc
0.4
MHz
2. Latch up protection is provided for stresses up to 100 mA on address and data pins from 1 V to VCC +1 V.
3. LSB = RTOT / 255 or (RH
RL) / 255, single pot.
4. V(RW)255 V(RW)0]/255 (RW)255 = 0xFF, (RW)0 = 0x00.
5. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
6. Relative linearity is a measure of the error in step size. It is determined by the actual change in voltage between two successive tap positions
when used as a potentiometer.
7. This parameter is tested initially and after a design or process change that affects the parameter.
Table 6. D.C. OPERATING CHARACTERISTICS (VCC =+2.5V to +5.5 V, 40 C to +85 C unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Max
Units
Power Supply Current
Volatile Write & Read
fSCL = 400 kHz
VCC = 5.5 V, Inputs = GND
ICC1
1
mA
Power Supply Current
Non volatile Write
fSCL = 400 kHz
VCC = 5.5 V, Inputs = GND
ICC2
3
mA
Standby Current
VCC = 5.0 V
ISB
2
A
Input Leakage Current
VIN = GND to VCC
ILI
10
+10
A
Output Leakage Current
VOUT = GND to VCC
ILO
10
A
Input Low Voltage
VIL
1
VCC x 0.3
V
Input High Voltage
VIH
VCC x 0.7
VCC + 1.0
V
SDA Output Buffer Low Voltage
VCC = 2.5 V, IOL = 4 mA
VOL1
0.4
V
Power On Recall
Minimum VCC for memory recall
VPOR
1.4
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com