Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 49 Page - ON Semiconductor

Part # ASX340AT
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 45Page - ON Semiconductor ASX340AT Datasheet HTML 46Page - ON Semiconductor ASX340AT Datasheet HTML 47Page - ON Semiconductor ASX340AT Datasheet HTML 48Page - ON Semiconductor ASX340AT Datasheet HTML 49Page - ON Semiconductor ASX340AT Datasheet HTML 50Page - ON Semiconductor ASX340AT Datasheet HTML 51Page - ON Semiconductor ASX340AT Datasheet HTML 52Page - ON Semiconductor ASX340AT Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
ASX340AT
www.onsemi.com
49
Figure 52. Equalizing Pulse
L
J
I
K
K
TABLE 48. EQUALIZING PULSE: SPECIFICATION FROM REC. ITU-R BT.470−6
Parameter
Signal
NTSC (27 MHz)
PAL (27 MHz)
Units
I
H/2 Period
31.778
32.00
ms
J
Pulse width
2.30 ± 0.10
2.35 ± 0.10
ms
K
Pulse rising/falling edge
30.25
0.25 ± 0.05
ms
L
Signal to pulse
1.50 ± −0.10
3.0 ± 2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com