Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASX340AT
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 3 Page - ON Semiconductor

  ASX340AT Datasheet HTML 1Page - ON Semiconductor ASX340AT Datasheet HTML 2Page - ON Semiconductor ASX340AT Datasheet HTML 3Page - ON Semiconductor ASX340AT Datasheet HTML 4Page - ON Semiconductor ASX340AT Datasheet HTML 5Page - ON Semiconductor ASX340AT Datasheet HTML 6Page - ON Semiconductor ASX340AT Datasheet HTML 7Page - ON Semiconductor ASX340AT Datasheet HTML 8Page - ON Semiconductor ASX340AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ASX340AT
www.onsemi.com
3
TABLE 1. KEY PARAMETERS (CONTINUED)
Parameter
Typical Value
Ambient Temperature
Operating: −40°C to 105°C
Functional: −40°C to + 85°C
Storage: −50°C to + 150°C
Dark Current
< 200 e/s at 60°C with a gain of 1
Fixed Pattern Noise
Column
< 2 %
Row
< 2 %
Responsivity
16.5 V/lux−s at 550 nm
Signal to Noise Ratio (S/N)
46 dB
Pixel Dynamic Range
87 dB
NEW FEATURES
• Temperature sensor for dynamic feedback and sensor
control
• Automatic 50 Hz/60 Hz flicker detection
• 2x upscaling zoom and pan/tilt control
• Independent control of colorburst parameters in the
NTSC/PAL encoder
• Horizontal field of view adjustment between 700 and
720 pixels on the analog output
• Option to use single 2.8 V power supply with off-chip
bypass transistor
• SPI EEPROM support for lower cost system design.
ORDERING INFORMATION
TABLE 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute Description
ASX340AT2C00XPED0−DPBR1
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective
Glass
ASX340AT2C00XPED0−DRBR1
Rev2, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT2C00XPED0−TPBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film,
Anti-Reflective Glass
ASX340AT2C00XPED0−TRBR
Rev2, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass
ASX340AT2C00XPEDD3−GEVK
Rev2, Color, Demo Kit
ASX340AT2C00XPEDH3−GEVB
Rev2, Color, Head Board
ASX340AT3C00XPED0−DPBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Protective Film, Anti-Reflective
Glass
ASX340AT3C00XPED0−DRBR
Rev3, Color, 0deg CRA, iBGA Package
Drypack, Anti-Reflective Glass
ASX340AT3C00XPED0−TPBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Protective Film,
Anti-Reflective Glass
ASX340AT3C00XPED0−TRBR
Rev3, Color, 0deg CRA, iBGA Package
Tape & Reel, Anti-Reflective Glass
ASX340AT3C00XPEDD3−GEVK
Rev 3, Color, Demo Kit
ASX340AT3C00XPEDH3−GEVB
Rev 3, Color, Head Board
See the ON Semiconductor Device Nomenclature document
(TND310/D) for a full description of the naming convention used for
image sensors. For reference documentation, including information on
evaluation kits, please visit our web site at www.onsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com