Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 21 Page - ON Semiconductor

Part # ASX340AT
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 17Page - ON Semiconductor ASX340AT Datasheet HTML 18Page - ON Semiconductor ASX340AT Datasheet HTML 19Page - ON Semiconductor ASX340AT Datasheet HTML 20Page - ON Semiconductor ASX340AT Datasheet HTML 21Page - ON Semiconductor ASX340AT Datasheet HTML 22Page - ON Semiconductor ASX340AT Datasheet HTML 23Page - ON Semiconductor ASX340AT Datasheet HTML 24Page - ON Semiconductor ASX340AT Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
ASX340AT
www.onsemi.com
21
TABLE 14. SPI COMMANDS SUPPORTED
Command
Value
Read Array
0x03
Block Erase
0 x D8
Chip Erase
0 x C7
Read Status
0 x 05
Write status
0 x 01
Byte Page Program
0 x 02
Write Enable
0 x 06
Write Disable
0 x 04
Read Manufacturer and Device ID
0 x 9F
(Fast) Read Array
0 x 0B
TABLE 15. GPIO BIT DESCRIPTIONS
GPIO[11] (DOUT_LSB1) GPIO[10] (DOUT_LSB0)
GPIO[9]
(FRAME_VALID
GPI[8] (LINE_VALI
Low (“0”)
Normal
NTSC
Normal
No pedestal
High (“1”)
Vertical Flip
PAL
Horizontal mirror
Pedestal
Host Command Interface
ON Semiconductor sensors and SOCs contain numerous
registers that are accessed through a two-wire interface with
speeds up to 400 kHz.
The ASX340AT in addition to writing or reading straight
to/from registers or firmware variables, has a mechanism to
write higher level commands, the Host Command Interface
(HCI). Once a command has been written through the HCI,
it will be executed by on-chip firmware and the results are
reported back. In general, registers should not be accessed
with the exception of registers that are marked for “User
Access.”
EEPROM or Flash memory is also available to store
commands for later execution. Under DMA control, a
command is written into the SOC and executed.
For a complete description of host commands, refer to the
ASX340AT Host Command Interface Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com