Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340AT Datasheet(PDF) 39 Page - ON Semiconductor

Part # ASX340AT
Description  1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 35Page - ON Semiconductor ASX340AT Datasheet HTML 36Page - ON Semiconductor ASX340AT Datasheet HTML 37Page - ON Semiconductor ASX340AT Datasheet HTML 38Page - ON Semiconductor ASX340AT Datasheet HTML 39Page - ON Semiconductor ASX340AT Datasheet HTML 40Page - ON Semiconductor ASX340AT Datasheet HTML 41Page - ON Semiconductor ASX340AT Datasheet HTML 42Page - ON Semiconductor ASX340AT Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
ASX340AT
www.onsemi.com
39
NOTE: All I/O circuitry shown above is for reference only. The actual implementation may be different.
Figure 39. NTSC Block
Pad
VDD_DAC
GND
Pad
Pad
ESD
ESD
DAC_REF
ESD
DAC_POS
DAC_NEG
NTSC Block
Resistor
2.35 kW
Figure 40. Serial interface
Pad
Transmitter
GND
Receiver
VDD_I0
SDATA
Input/output
Pad
I/O Timing
Digital Output
By default, the ASX340AT launches pixel data, FV, and
LV synchronously with the falling edge of PIXCLK. The
expectation is that the user captures data, FV, and LV using
the rising edge of PIXCLK. The timing diagram is shown in.
As an option, the polarity of the PIXCLK can be inverted
from the default by programming R0x0016[14].
EXTCLK
PIXCLK
DOUT [7:0]
FRAME_VALID
LINE_VALID
t
pixclkf_dout
t
pixclkf_fvlv
Input
Output
Output
Output
t
fvlv_su
t
fvlv_ho
t
dout_ho
t
dout_su
t
extclk_period
Figure 41. Digital Output I/O Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com