Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AX5243
www.onsemi.com
16
CIRCUIT DESCRIPTION
The AX5243 is a true single chip ultra−low power
narrow−band CMOS transceiver for use in licensed and
unlicensed bands from 27 and 1050 MHz. The on−chip
transceiver consists of a fully integrated RF front−end with
modulator, and demodulator. Base band data processing is
implemented in an advanced and flexible communication
controller that enables user friendly communication via the
SPI interface.
AX5243 can be operated from a 1.8 V to 3.6 V power
supply over a temperature range of −40
°C to 85°C. It
consumes 7 − 48 mA for transmitting at 868 MHz carrier
frequency, 4 – 51 mA for transmitting at 169 MHz
depending on the output power. In receive operation
AX5243 consumes 9 − 11 mA at 868 MHz carrier frequency
and 6.5 − 8.5 mA at 169 MHz.
The AX5243 features make it an ideal interface for
integration into various battery powered solutions such as
ticketing or as transceiver for telemetric applications e.g. in
sensors. As primary application, the transceiver is intended
for UHF radio equipment in accordance with the European
Telecommunication Standard Institute (ETSI) specification
EN 300 220−1 and the US Federal Communications
Commission (FCC) standard Title 47 CFR Part 15 as well as
Part 90. AX5243 is compliant with respective narrow−band
regulations. Additionally AX5243 is suited for systems
targeting compliance with Wireless M−Bus standard EN
13757−4:2005. Wireless M−Bus frame support (S, T, R) is
built−in.
AX5243 supports any data rate from 0.1 kbps to 125 kbps
for FSK, 4−FSK, GFSK, GMSK, MSK, ASK and PSK. To
achieve optimum performance for specific data rates and
modulation schemes several register settings to configure
the AX5243 are necessary, for details see the AX−RadioLab
Software which calculates the necessary register settings
and the AX5243 Programming Manual.
The AX5243 can be operated in two fundamentally
different modes.
Data is sent and received via the SPI port in frames. Pre−
and post−ambles as well as checksums can be generated
automatically. Interrupts control the data flow between a
micro−controller and the AX5243.
Both transmit and receive use frame mode. In both cases
the AX5243 behaves as a SPI slave interface. Configuration
of the AX5243 is always done via the SPI interface.
The receiver and the transmitter support multi−channel
operation for all data rates and modulation schemes.
Voltage Regulators
The AX5243 uses an on−chip voltage regulator system to
create stable supply voltages for the internal circuitry from
the primary supply VDD_IO. The I/O level of the digital
pins is VDD_IO.
Pins VDD_ANA are supplied for external decoupling of
the power supply used for the on−chip PA.
The voltage regulator system must be set into the
appropriate state before receive or transmit operations can
be initiated. This is handled automatically when
programming the device modes via the PWRMODE
register.
Register POWSTAT contains status bits that can be read
to check if the regulated voltages are ready (bit SVIO) or if
VDD_IO has dropped below the brown−out level of 1.3 V
(bit SSUM).
In power−down mode the core supply voltages for digital
and analog functions are switched off to minimize leakage
power. Most register contents are preserved but access to the
FIFO is not possible and FIFO contents are lost. SPI access
to registers is possible, but at lower speed.
In deep−sleep mode all supply voltages are switched off.
All digital and analog functions are disabled. All register
contents are lost. To leave deep−sleep mode the pin SEL has
to be pulled low. This will initiate startup and reset of the
AX5243. Then the MISO line should be polled, as it will be
held low during initialization and will rise to high at the end
of the initialization, when the chip becomes ready for
operation.
Crystal Oscillator and TCXO Interface
The AX5243 is normally operated with an external
TCXO, which is required by most narrow−band regulation
with a tolerance of 0.5 ppm to 1.5 ppm depending on the
regulation. The on−chip crystal oscillator allows the use of
an inexpensive quartz crystal as the RF generation
subsystem’s timing reference when possible from a
regulatory point of view.
A wide range of crystal frequencies can be handled by the
crystal oscillator circuit. As the reference frequency impacts
both the spectral performance of the transmitter as well as
the current consumption of the receiver, the choice of
reference frequency should be made according to the
regulatory regime targeted by the application. For
guidelines see the separate Application Notes for usage of
AX5243 in compliance with various regulatory regimes.
The crystal or TCXO reference frequency should be
chosen so that the RF carrier frequency is not an integer
multiple of the crystal or TCXO frequency.
The oscillator circuit is enabled by programming the
PWRMODE register. At power−up it is enabled.
To adjust the circuit’s characteristics to the quartz crystal
being used, without using additional external components,
the tuning capacitance of the crystal oscillator can be
programmed. The transconductance of the oscillator is
automatically regulated, to allow for fastest start−up times
together with lowest power operation during steady−state
oscillation.
The integrated programmable tuning capacitor bank
makes it possible to connect the oscillator directly to pins
CLK16N and CLK16P without the need for external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com