Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 2 Page - ON Semiconductor

  AX5243 Datasheet HTML 1Page - ON Semiconductor AX5243 Datasheet HTML 2Page - ON Semiconductor AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
AX5243
www.onsemi.com
2
Frequency Generation
• Configurable for Usage in 27 MHz −1050 MHz Bands
• RF Carrier Frequency and FSK Deviation
Programmable in 1 Hz Steps
• Ultra Fast Settling RF Frequency Synthesizer for
Low−power Consumption
• Fully Integrated RF Frequency Synthesizer with VCO
Auto−ranging and Band−width Boost Modes for Fast
Locking
• Configurable for either Fully Integrated VCO, Internal
VCO with External Inductor or Fully External VCO
• Configurable for either Fully Integrated or External
Synthesizer Loop Filter for a Large Range of
Bandwidths
• Channel Hopping up to 2000 hops/s
• Automatic Frequency Control (AFC)
Flexible Antenna Interface
• Integrated RX/TX Switching with Differential Antenna
Pins
Wakeup−on−Radio
• 640 Hz or 10 kHz Lowest Power Wake−up Timer
• Wake−up Time Interval Programmable between 98 ms
and 102 s
Sophisticated Radio Controller
• Fully Automatic Packet Reception and Transmission
without Micro−controller Intervention
• Supports HDLC, Raw, Wireless M−Bus Frames and
Arbitrary Defined Frames
• Automatic Channel Noise Level Tracking
• ms Resolution Timestamps for Exact Timing (eg. for
Frequency Hopping Systems)
• 256 Byte Micro−programmable FIFO, optionally
Supports Packet Sizes > 256 Bytes
• Three Matching Units for Preamble Byte, Sync−word
and Address
• Ability to store RSSI, Frequency Offset and Data−rate
Offset with the Packet Data
• Multiple Receiver Parameter Sets Allow the Use of
more Aggressive Receiver Parameters during Preamble,
dramatically Shortening the Required Preamble Length
at no Sensitivity Degradation
Advanced Crystal Oscillator
• Fast Start−up and Lowest Power Steady−state XTAL
Oscillator for a Wide Range of Crystals
• Integrated Crystal Tuning Capacitors
• Possibility of Applying an External Clock Reference
(TCXO)
Miscellaneous Features
• Few External Components
• SPI Microcontroller Interface
• Extended Register Set
• Fully Integrated Current/Voltage References
• QFN20 4 mm x 4 mm Package
• Internal Power−on−Reset
• Brown−out Detection
• 10 Bit 1 MS/s General Purpose ADC (GPADC)
Applications
27 − 1050 MHz Licensed and Unlicensed Radio Systems
• Internet of Things
• Automatic Meter Reading (AMR)
• Security Applications
• Building Automation
• Wireless Networks
• Messaging Paging
• Compatible with: Wireless M−Bus, POCSAG, FLEX,
KNX, Sigfox, Z−Wave, enocean
• Regulatory Regimes: EN 300 220 V2.3.1 including the
Narrow−band 12.5 kHz, 20 kHz and 25 kHz
Definitions; EN 300 422; FCC Part 15.247; FCC Part
15.249; FCC Part 90 6.25 kHz, 12.5 kHz and 25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com