Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AX5243
www.onsemi.com
21
HDLC packets are delimited with flag sequences of
content 0x7E.
In AX5243 the meaning of address and control is user
defined. The Frame Check Sequence (FCS) can be
programmed to be CRC−CCITT, CRC−16 or CRC−32.
The receiver checks the CRC, the result can be retrieved
from the FIFO, the CRC is appended to the received data.
In Wireless M−Bus Mode, the packet structure is given in
the following table.
NOTE: Wireless M−Bus mode follows EN13757−4
Table 20. WIRELESS M−BUS PACKET STRUCTURE
Preamble
L
C
M
A
FCS
Optional Data Block
(optionally repeated with FCS)
FCS
variable
8 bit
8 bit
16 bit
48 bit
16 bit
8 − 96 bit
16 bit
For details on implementing a HDLC communication as
well as Wireless M−Bus please use the AX−RadioLab
software and see the AX5243 Programming Manual.
Raw Modes
In Raw mode, the AX5243 does not perform any packet
delimiting or byte synchronization. It simply serializes
transmit bytes and de−serializes the received bit−stream and
groups it into bytes. This mode is ideal for implementing
legacy protocols in software.
Raw mode with preamble match is similar to raw mode.
In this mode, however, the receiver does not receive
anything until it detects a user programmable bit pattern
(called the preamble) in the receive bit−stream. When it
detects the preamble, it aligns the de−serialization to it.
The preamble can be between 4 and 32 bits long.
RX AGC and RSSI
AX5243 features three receiver signal strength indicators
(RSSI):
1. RSSI before the digital IF channel filter.
The gain of the receiver is adjusted in order to
keep the analog IF filter output level inside the
working range of the ADC and demodulator. The
register AGCCOUNTER contains the current
value of the AGC and can be used as an RSSI. The
step size of this RSSI is 0.625 dB. The value can
be used as soon as the RF frequency generation
sub−system has been programmed.
2. RSSI behind the digital IF channel filter.
The register RSSI contains the current value of the
RSSI behind the digital IF channel filter. The step
size of this RSSI is 1 dB.
3. RSSI behind the digital IF channel filter high
accuracy.
The demodulator also provides amplitude
information in the TRK_AMPLITUDE register.
By combining both the AGCCOUNTER and the
TRK_AMPLITUDE registers, a high resolution
(better than 0.1 dB) RSSI value can be computed
at the expense of a few arithmetic operations on
the micro−controller. The AX−RadioLab Software
calculates the necessary register settings for best
performance and details can be found in the
AX5243 Programming Manual.
Modulator
Depending on the transmitter settings the modulator
generates various inputs for the PA:
Table 21. MODULATIONS
Modulation
Bit = 0
Bit = 1
Main Lobe Bandwidth
Max. Bitrate
ASK
PA off
PA on
BW = BITRATE
125 kBit/s
FSK/MSK/GFSK/GMSK
Df = −fdeviation
Df = +fdeviation
BW = (1 + h) ⋅BITRATE
125 kBit/s
PSK
DF = 0°
DF = 180°
BW = BITRATE
125 kBit/s
h
= modulation index. It is the ratio of the deviation
compared to the bit−rate;
fdeviation = 0.5⋅h⋅BITRATE, AX5243 can
demodulate signals with h < 32.
ASK = amplitude shift keying
FSK = frequency shift keying
MSK= minimum shift keying; MSK is a special case of
FSK, where h = 0.5, and therefore
fdeviation = 0.25⋅BITRATE; the advantage of MSK
over FSK is that it can be demodulated more
robustly.
PSK = phase shift keying
All modulation schemes, except 4−FSK, are binary.
Amplitude can be shaped using a raised cosine waveform.
Amplitude shaping will also be performed for constant
amplitude modulation ((G)FSK, (G)MSK) for ramping up
and down the PA. Amplitude shaping should always be
enabled.
Frequency shaping can either be hard (FSK, MSK), or
Gaussian (GMSK, GFSK), with selectable BT = 0.3 or
BT = 0.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com