Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AX5243
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
AX5243
www.onsemi.com
32
Table 27. CONTROL REGISTER MAP
Add
Description
Bit
Reset
Ret
Dir
Name
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
227
TMGRXAGC
RW R
00000000 TMGRXAGCE
TMGRXAGCM
Receiver AGC Settling
Time
228
TMGRXRSSI
RW R
00000000 TMGRXRSSIE
TMGRXRSSIM
Receiver RSSI Settling
Time
229
TMGRXPREAM
BLE1
RW R
00000000 TMGRXPREAMBLE1E
TMGRXPREAMBLE1M
Receiver Preamble 1
Timeout
22A TMGRXPREAM
BLE2
RW R
00000000 TMGRXPREAMBLE2E
TMGRXPREAMBLE2M
Receiver Preamble 2
Timeout
22B TMGRXPREAM
BLE3
RW R
00000000 TMGRXPREAMBLE3E
TMGRXPREAMBLE3M
Receiver Preamble 3
Timeout
22C RSSIREFEREN
CE
RW R
00000000 RSSIREFERENCE
RSSI Offset
22D RSSIABSTHR
RW R
00000000 RSSIABSTHR
RSSI Absolute
Threshold
22E BGNDRSSIGAI
N
RW R
––––0000 –
–
–
–
BGNDRSSIGAIN
Background RSSI
Averaging Time
Constant
22F
BGNDRSSITHR RW R
––000000 –
–
BGNDRSSITHR
Background RSSI
Relative Threshold
230
PKTCHUNKSIZ
E
RW R
––––0000 –
–
–
–
PKTCHUNKSIZE(3:0)
Packet Chunk Size
231
PKTMISCFLAG
S
RW R
–––00000 –
–
–
WOR
MULTI
PKT
AGC SETTL
DET
BGND
RSSI
RXAGC
CLK
RXRSSI
CLK
Packet Controller
Miscellaneous Flags
232
PKTSTOREFLA
GS
RW R
–0000000 –
ST ANT
RSSI
ST CRCB
ST RSSI
ST DR
ST
RFOFFS
ST FOFFS ST
TIMER
Packet Controller Store
Flags
233
PKTACCEPTFL
AGS
RW R
––000000 –
–
ACCPT
LRGP
ACCPT
SZF
ACCPT
ADDRF
ACCPT
CRCF
ACCPT
ABRT
ACCPT
RESIDUE
Packet Controller
Accept Flags
Special Functions
General Purpose ADC
300
GPADCCTRL
RW R
––000000 BUSY
–
0
0
0
GPADC13
CONT
CH ISOL
General Purpose ADC
Control
301
GPADCPERIOD RW R
00111111
GPADCPERIOD(7:0)
GPADC Sampling
Period
308
GPADC13VALU
E1
R
–––––––– –
–
–
–
–
–
GPADC13VALUE(9:8)
GPADC13 Value
309
GPADC13VALU
E0
R
–––––––– GPADC13VALUE(7:0)
GPADC13 Value
Low Power Oscillator Calibration
310
LPOSCCONFIG RW
00000000 LPOSC
OSC
INVERT
LPOSC
OSC
DOUBLE
LPOSC
CALIBR
LPOSC
CALIBF
LPOSC
IRQR
LPOSC
IRQF
LPOSC
FAST
LPOSC
ENA
Low Power Oscillator
Configuration
311
LPOSCSTATUS R
–––––––– –
–
–
–
–
–
LPOSC
IRQ
LPOSC
EDGE
Low Power Oscillator
Status
312
LPOSCKFILT1
RW
00100000 LPOSCKFILT(15:8)
Low Power Oscillator
Calibration Filter
Constant
313
LPOSCKFILT0
RW
11000100 LPOSCKFILT(7:0)
Low Power Oscillator
Calibration Filter
Constant
314
LPOSCREF1
RW
01100001 LPOSCREF(15:8)
Low Power Oscillator
Calibration Reference
315
LPOSCREF0
RW
10101000 LPOSCREF(7:0)
Low Power Oscillator
Calibration Reference
316
LPOSCFREQ1
RW
00000000 LPOSCFREQ(9:2)
Low Power Oscillator
Calibration Frequency
317
LPOSCFREQ0
RW
0000–––– LPOSCFREQ(1:−2)
–
–
–
–
Low Power Oscillator
Calibration Frequency
318
LPOSCPER1
RW
–––––––– LPOSCPER(15:8)
Low Power Oscillator
Calibration Period
319
LPOSCPER0
RW
–––––––– LPOSCPER(7:0)
Low Power Oscillator
Calibration Period
DAC
330
DACVALUE1
RW R
––––0000 –
–
–
–
DACVALUE(11:8)
DAC Value
331
DACVALUE2
RW R
00000000 DACVALUE(7:0)
DAC Value
332
DACCONFIG
RW R
00––0000 DAC
PW
M
DAC CLK X2 –
–
DACINPUT(3:0)
DAC Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com