Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7261 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7261
Description  Dual Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7261 Datasheet(HTML) 1 Page - Copal Electronics

  DP7261 Datasheet HTML 1Page - Copal Electronics DP7261 Datasheet HTML 2Page - Copal Electronics DP7261 Datasheet HTML 3Page - Copal Electronics DP7261 Datasheet HTML 4Page - Copal Electronics DP7261 Datasheet HTML 5Page - Copal Electronics DP7261 Datasheet HTML 6Page - Copal Electronics DP7261 Datasheet HTML 7Page - Copal Electronics DP7261 Datasheet HTML 8Page - Copal Electronics DP7261 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DP7261
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2122 Rev. D
Characteristics subject to change without notice
Dual Digital Potentiometers
(DP) with 256 Taps and SPI Interface
FEATURES
Two linear-taper digital potentiometers
256 resistor taps per potentiometer
End to end resistance 50k
or 100k
Potentiometer control and memory access via
SPI interface
Low wiper resistance, typically 100
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Industrial temperature range
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC/TSSOP (W, Y)
SO
1
24 HOLD
¯¯¯¯¯
A0
2
23 SCK
NC
3
22 NC
NC
4
21 NC
NC
5
20 NC
NC
6
19 NC
VCC
7
DP
7261
18 GND
RL0
817 RW1
RH0
916 RH1
RW0 10
15 RL1
CS
¯¯¯ 11
14 A1
WP
¯¯¯ 12
13 SI
DESCRIPTION
The
DP7261
is
two
Digital
Potentiometers
(DPs) integrated with control logic and 8 bytes of
NVRAM memory. Each DP consists of a series
of
resistive
elements
connected
between
two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the wiper
tap switches for each DP. Associated with each wiper
control register are four 8-bit non-volatile memory data
registers (DR) used for storing up to four wiper settings.
Writing to the wiper control register or any of the non-
volatile data registers is via a SPI serial bus. On power-
up, the contents of the first data register (DR0) for each
of the potentiometers is automatically loaded into its
respective wiper control register.
The DP7261 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40°C to 85°C
industrial operating temperature range and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A0
A1
WP
HOLD
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
SPI BUS
INTERFACE
SCK
SI
CS
SO


Similar Part No. - DP7261

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
Dual Digital Potentiometers
More results

Similar Description - DP7261

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820 INTERSIL-X95820 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
September 26, 2005
X95820 INTERSIL-X95820_06 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
July 18, 2006
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
Digital Potentiometers
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
Dual Digital Potentiometers
DP7419 COPAL-DP7419 Datasheet
180Kb / 16P
Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com