Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7261 Datasheet(PDF) 10 Page - Copal Electronics

Part # DP7261
Description  Dual Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7261 Datasheet(HTML) 10 Page - Copal Electronics

Back Button DP7261 Datasheet HTML 6Page - Copal Electronics DP7261 Datasheet HTML 7Page - Copal Electronics DP7261 Datasheet HTML 8Page - Copal Electronics DP7261 Datasheet HTML 9Page - Copal Electronics DP7261 Datasheet HTML 10Page - Copal Electronics DP7261 Datasheet HTML 11Page - Copal Electronics DP7261 Datasheet HTML 12Page - Copal Electronics DP7261 Datasheet HTML 13Page - Copal Electronics DP7261 Datasheet HTML 14Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DP7261
Doc. No. MD-2122 Rev. E
10
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
Figure 10. Increment/Decrement Timing Limits
INSTRUCTION FORMAT
SCK
SI
RW
INC/DEC
Command
Issued
Voltage Out
tWRL
Read Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯
01
01
0
0
A
1
A
0
10
0
1
0
0
P
1
P
0
76
5
4
3
2
10
CS
¯¯¯
Write Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯
01 0
1
0
0
A
1
A
0
1010
00
P
1
P
0
76
5
4
3
2
1
0
CS
¯¯¯
Read Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 010 1
0
0
A
1
A
0
10 11
R
1
R
0
P
1
P
0
76 5 4 3 2 1 0
CS
¯¯¯
Write Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯
0
101
0
0 A
1
A
0
11
00 R
1
R
0
P
1
P
0
76
54
32
10
CS
¯¯¯
High Voltage
Write Cycle
Read Status (WIP)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 01 0 1
0
0
A
1
A
0
01
01
00
017
0
6
0
5
0
4
0
3
0
2
0
1
0
W
I
P
CS
¯¯¯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com