Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7261 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP7261
Description  Dual Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7261 Datasheet(HTML) 5 Page - Copal Electronics

  DP7261 Datasheet HTML 1Page - Copal Electronics DP7261 Datasheet HTML 2Page - Copal Electronics DP7261 Datasheet HTML 3Page - Copal Electronics DP7261 Datasheet HTML 4Page - Copal Electronics DP7261 Datasheet HTML 5Page - Copal Electronics DP7261 Datasheet HTML 6Page - Copal Electronics DP7261 Datasheet HTML 7Page - Copal Electronics DP7261 Datasheet HTML 8Page - Copal Electronics DP7261 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DP7261
© NIDEC COPAL ELECTRONICS CORP.
5
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
s
t
i
n
U
x
a
M
n
i
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
ICC1
Power Supply Current
fSCL = 400kHz, SDA = Open
VCC = 6V, Inputs = GNDs
1mA
Power Supply Current
fSCK = 400kHz, SDA Open
5
mA
ICC2
Non-volatile WRITE
VCC = 6V, Input = GND
ISB
Standby Current (VCC = 5.0V)
VIN =GND or VCC, SDA = Open
1
µA
ILI
Input Leakage Current
VIN = GND to VCC
10
µA
ILO
Output Leakage Current
VOUT = GND to VCC
10
µA
VIL
V
1
-
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
CC x 0.3
V
VIH
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
CC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3.0V)
IOL
V
4
.
0
A
m
3
=
VOH1
Output High Voltage
IOH = -1.6mA
VCC – 0.8
V
PIN CAPACITANCE
(1)
TA = 25ºC, f = 1.0MHz, VCC = 5V, unless otherwise specified.
s
t
i
n
U
x
a
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
COUT
(1)
V
)
O
S
(
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
OUT =0V
8
pF
CIN
(1)
Input Capacitance ( CS
¯¯¯, SCK, SI, WP
¯¯¯,HOLD
¯¯¯¯¯,A0, A1)
VIN =0V
6
pF
A.C. CHARACTERISTICS
s
n
o
i
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Min
Max
Units
tSU
s
n
0
5
e
m
i
T
p
u
t
e
S
a
t
a
D
tH
s
n
0
5
e
m
i
T
d
l
o
H
a
t
a
D
tWH
s
n
5
2
1
e
m
i
T
h
g
i
H
K
C
S
tWL
s
n
5
2
1
e
m
i
T
w
o
L
K
C
S
fSCK
z
H
M
3
C
D
y
c
n
e
u
q
e
r
F
k
c
o
l
C
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
ns
tRI
(1)
s
µ
2
e
m
i
T
e
s
i
R
t
u
p
n
I
tFI
(1)
s
µ
2
e
m
i
T
ll
a
F
t
u
p
n
I
tHD
HOLD
¯¯¯¯¯ Setup Time
100
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
100
ns
tV
s
n
0
0
2
w
o
L
k
c
o
l
C
m
o
r
f
d
il
a
V
t
u
p
t
u
O
tHO
s
n
0
e
m
i
T
d
l
o
H
t
u
p
t
u
O
tDIS
s
n
0
5
2
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
ns
tCS
CS
¯¯¯ High Time
2ns
tCSS
CS
¯¯¯ Setup Time
250
ns
tCSH
CS
¯¯¯ Hold Time
CL =50pF
250
ns
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com