Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7261 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7261
Description  Dual Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7261 Datasheet(HTML) 2 Page - Copal Electronics

  DP7261 Datasheet HTML 1Page - Copal Electronics DP7261 Datasheet HTML 2Page - Copal Electronics DP7261 Datasheet HTML 3Page - Copal Electronics DP7261 Datasheet HTML 4Page - Copal Electronics DP7261 Datasheet HTML 5Page - Copal Electronics DP7261 Datasheet HTML 6Page - Copal Electronics DP7261 Datasheet HTML 7Page - Copal Electronics DP7261 Datasheet HTML 8Page - Copal Electronics DP7261 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DP7261
Doc. No. MD-2122 Rev. E
2
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SI: Serial Input
SI is the serial data input pin. This pin is used
to input all opcodes, byte addresses and data
to be written to the DP7261. Input data is
latched on the rising edge of the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is
used to transfer data out of the DP7261.
During a read cycle, data is shifted out on the
falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize the communication between the
microcontroller and the DP7261. Opcodes,
byte addresses or data present on the SI pin
are latched on the rising edge of the SCK.
Data on the SO pin is updated on the falling
edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of four
devices can be addressed on a single bus. A
match in the slave address must be made
with the address input in order to initiate
communication with the DP7261.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the
terminal
connections
on
a
mechanical
potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
CS
¯¯¯: Chip Select
CS
¯¯¯ is the Chip select pin. CS
¯¯¯ low enables
the DP7261 and CS
¯¯ high disables the
DP7261. CS
¯¯¯ high takes the SO output pin to high impedance and forces the devices into a Standby mode
(unless an internal write operation is underway). The DP7261 draws ZERO current in the Standby mode. A high
to low transition on CS
¯¯¯ is required prior to any sequence being initiated. A low to high transition on CS
¯¯¯ after a
valid write sequence is what initiates an internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When
WP
¯¯¯ is tied low, all non-volatile write operations to the Data registers are inhibited (change of wiper control register
is allowed). WP
¯¯¯ going low while CS
¯¯¯ is still low will interrupt a write to the registers. If the internal write cycle has
already been initiated, WP
¯¯¯ going low will have no effect on any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the DP7261 while in the middle of a serial sequence without
having to retransmit entire sequence at a later time. To pause, HOLD
¯¯¯¯¯ must be brought low while SCK is low. The
SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be
ignored. To resume communication, HOLD
¯¯¯¯¯ is brought high, while SCK is low. (HOLD
¯¯¯¯¯ should be held high any
time this function is not being used.) HOLD
¯¯¯¯¯ may be tied high directly to VCC or tied to VCC through a resistor.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile writes to the device (change of wiper control register is allowed)
and when tied high or left floating normal read/write operations are allowed. See Write Protection on page 6 for
more details.
Pin #
Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7VCC
Supply Voltage
8RL0
Low Reference Terminal for Potentiometer 0
9RH0
High Reference Terminal for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
¯¯¯
Chip Select
12
WP
¯¯¯
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCK
Bus Serial Clock
24
HOLD
¯¯¯¯¯
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com