Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE500C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE500C
Description  300mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE500C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE500C
300mA Low Consumption Linear Regulator
VER 1.3
2
Packaging Type
SOT-23-5/SOT-353(SC-70-5)
SOT-23-6
5
4
1
2
3
SOT-23-5
SOT-23-6
Description
Function
1
1
VIN
Power input Pin
2
2
VSS
Ground
3
3
CE
Chip Enable Pin
4
5
FB
Feedback Pin: Used to Set Output Voltage
5
6
VOUT
Output Pin
4
NC
Not Connection
Ordering information
ACE500C XX XX + H
Block Diagram
VIN
CE
VOUT
FB
BN : SOT-23-5
GM : SOT-23-6
Output Voltage:1.1V/1.5V
…..5.5V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com