Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE500C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE500C
Description  300mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE500C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE500C
300mA Low Consumption Linear Regulator
VER 1.3
6
CE Pin Shoutdown Response
Start Up
APPLICATION INFORMATION
Setting The Output Voltage
Figure 1 shows the typical application circuit with ACE500C. The external resistor sets the output voltage
according to the following equation:
Table 1.Resistor select for output voltage setting
V
OUT
R1
R2
1.2V
30.1K
30.1K
1.5V
45.3K
30.1K
1.8V
60.4K
30.1K
2.5V
95.3K
30.1k
2.8V
110K
30.1k
3.0V
120K
30.1K
3.3V
137K
30.1K
5.0V
221K
30.1k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com