Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE500C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE500C
Description  300mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE500C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE500C
300mA Low Consumption Linear Regulator
VER 1.3
4
DROPOUT VOLTAGE CHART
Setting Output Voltage
Dropout Voltage(mV)@ I
OUT=100mA
V
OUT(V)
Typ
Max.
1.2
300
450
1.5
240
400
1.8
185
300
2.5
135
280
2.8
125
250
3.0
120
240
3.3
110
220
5.0
90
180
Typical Application Circuit
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com