Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE500C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE500C
Description  300mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE500C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE500C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE500C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE500C
300mA Low Consumption Linear Regulator
VER 1.3
1
Description
The ACE500C are a group of positive voltage regulators manufactured by CMOS technologies with high
ripple rejection, ultra low noise, low power consumption and low dropout voltage, which can prolong
battery life in portable electronics. The ACE500C work with low-ESR ceramic capacitors, reducing the
amount of board space necessary for power applications. The ACE500C series consume less than 0.1uA
in shutdown mode and have fast turn-on time less than 50us.The series are very suitable for the
battery-powered equipments, such as RF applications and other systems requiring a quiet voltage
source.
Features
300mA RF Low-Dropout Regulator With Enable
Ultralow-Noise:40Μvrms (10Hz~100kHz)
High PSRR:70dB@10kHz
Fast Start-Up Time (20μs)
Excellent Load/Line Transient Response
Low Dropout Voltage:120mV@100mA
Stable With a 1μF Ceramic Capacitor
Available in Adjustable Voltage Version (1.0V to 5.5V)
Built-in Current Limiter, Short-Circuit Protection
Application
RF: VCOs, Receivers, ADCs
Cellular and Cordless Telephones
Handheld Organizers
Audio
Bluetooth, Wireless LAN
Tablet, MID
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
VIN
VSS-0.3~VSS+8
V
Output Current
IOUT
350
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power Dissipation
SOT-23-5
SOT-23-6
Pd
400
mW
Operating Temperature
Topr
- 40 to + 85
OC
Storage Temperature
Tstg
- 40 to + 125
OC
Soldering Temperature & Time
Tsolder
260
OC,10s
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE500C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE500C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
300mA Low Consumption Linear Regulator
VER 1.4
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com