Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902T-2E/RW Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP9902T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/RW Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP9902T-2E/RW Datasheet HTML 32Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 33Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 34Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 35Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 36Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 37Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 38Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 39Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
MCP9902/3/4
DS20005382C-page 36
 2015-2016 Microchip Technology Inc.
The Therm Limit Status Register contains the status
bits that are set when a temperature channel Therm
Limit is exceeded. If any of these bits are set, the
THERM status bit in the Status register is set. Reading
from the Therm Limit Status register will not clear the
status bits. Once the temperature drops below the
Therm Limit minus the Therm Hysteresis, the corre-
sponding status bits will be automatically cleared. The
THERM bit in the Status register will be cleared when
all individual channel THERM bits are cleared.
REGISTER 5-26:
THRM LIM STS – HIGH LIMIT STATUS REGISTER (ADDRESS 37H)
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
—
—
—
—
E3THERM
E2THERM
E1THERM
ITHERM
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3THERM
: This bit is set when the External Diode 3 channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
1
= THERM pin asserted
0
= THERM pin not asserted
2
E2THERM
: This bit is set when the External Diode 2 channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
1
= THERM pin asserted
0
= THERM pin not asserted
1
E1THERM
: This bit is set when the External Diode 1 channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
1
= THERM pin asserted
0
= THERM pin not asserted
0
ITHERM
: This bit is set when the Internal Diode channel exceeds its programmed Therm Limit. When
set, this bit will assert the THERM pin.
1
= THERM pin asserted
0
= THERM pin not asserted
REGISTER 5-27:
FLTR SEL: FILTER SELECTION REGISTER (ADDRESS 40H)
U-0
U-0
U-0
U-0
U-0
U-0
RC-0
RC-0
—
—
—
—
—
—FLTER<1:0>
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-2
Unimplemented
: Read as ‘0’
1-0
FILTER
: Control the level of digital filtering that is applied to the External Diode temperature measure-
ment as shown in Table 4-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com