Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902T-2E/RW Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP9902T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/RW Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP9902T-2E/RW Datasheet HTML 39Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 40Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 41Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 42Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 43Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 44Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 45Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 46Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 43
MCP9902/3/4
Microchip Technology Drawing C04-206A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Terminal Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
(A3)
e
L
N
0.50 BSC
0.20 REF
0.35
0.18
0.80
0.00
0.25
0.40
0.85
0.02
MILLIMETERS
MIN
NOM
10
0.45
0.30
0.90
0.05
MAX
K0.30
0.25
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
10-Lead Very Thin Plastic Dual Flat, No Lead Package (9Q) - 3x3 mm Body [VDFN]
Overall Width
Overall Length
Exposed Pad Width
Exposed Pad Length
D
E2
D2
E
1.50
2.20
3.00 BSC
2.30
1.60
3.00 BSC
1.70
2.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com