Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902T-2E/RW Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP9902T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/RW Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP9902T-2E/RW Datasheet HTML 34Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 35Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 36Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 37Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 38Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 39Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 40Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 41Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
MCP9902/3/4
DS20005382C-page 38
 2015-2016 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Example
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Product Number
Code
MCP9902T-1E/RW
AAC
MCP9902T-2E/RW
AAD
MCP9902T-AE/RW
AAB
8-Lead WDFN (2 x 2 x 0.9)
AAA
256
Product Number
Code
MCP9903T-1E/9Q
9031
MCP9903T-2E/9Q
9032
MCP9903T-AE/9Q
903A
MCP9904T-1E/9Q
9041
MCP9904T-2E/9Q
9042
MCP9904T-AE/9Q
904A
Example
10-Lead VDFN (3 x 3 x 0.9)
9031
1506
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com