Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9902T-2E/RW Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP9902T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/RW Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP9902T-2E/RW Datasheet HTML 8Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 9Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 10Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 11Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 12Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 13Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 14Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 15Page - Microchip Technology MCP9902T-2E/RW Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MCP9902/3/4
DS20005382C-page 12
 2015-2016 Microchip Technology Inc.
For CPU substrate transistors that require the BJT
transistor model, the ideality factor behaves slightly
differently
than
for
discrete
diode-connected
transistors. Refer to Table 4-4 when using a CPU
substrate transistor.
4.11
Diode Faults
The MCP9902/3/4 detects several “diode fault” mech-
anisms, defined as one of the following: an open
between DP and DN, a short from VDD to DP, or a
short from VDD to DN. When each temperature mea-
surement is made, the device checks for a diode fault
on the external diode channel(s). When a diode fault is
detected, the ALERT/THERM2 pin asserts (unless
masked, see Register 5-20) and the temperature data
reads 00h in the MSB and LSB registers (note: the low
limit will not be checked).
If a short occurs across DP and DN or a short occurs
from DP to GND, the low limit status bit is set and the
ALERT/THERM2 pin asserts (unless masked). This
condition is indistinguishable from a temperature
measurement of 0.000°C (-64°C in extended range)
resulting in temperature data of 00h in the MSB and LSB
registers.
If a short from DN to GND occurs (with a diode-con-
nected transistor), temperature measurements will
continue as normal with no alerts.
The External Diode Fault Register (Register 5-19)
indicates which of the external diodes caused the
FAULT bit in the Status Register to be set. This
register is cleared when it is read.
4.12
Consecutive Alerts
The MCP9902/3/4 contains multiple consecutive alert
counters. One set of counters applies to the
ALERT/THERM2 pin and the second set of counters
applies to the THERM pin. Each temperature measure-
ment channel has a separate consecutive alert counter
for each of the ALERT/THERM2 and THERM pins. All
counters are user programmable and determine the
number of consecutive measurements that a tempera-
ture channel(s) must be out-of-limit or reporting a diode
fault before the corresponding pin is asserted.
The Consecutive Alert register determines how many
times an out-of-limit error or diode fault must be
detected in consecutive measurements before the
ALERT/THERM2 or THERM pin is asserted. Addition-
ally, the Consecutive Alert register controls the SMBus
Time-out functionality.
An out-of-limit condition (i.e., HIGH, LOW or FAULT)
occurring on the same temperature channel in consec-
utive measurements will increment the consecutive
alert counter. The counters will also be reset if no
out-of-limit condition or diode fault condition occurs in a
consecutive reading.
When the ALERT/THERM2 pin is configured as an
interrupt, when the consecutive alert counter reaches
its programmed value, the following will occur: the
STATUS bit(s) for that channel and the last error
condition(s)
(i.e.,
E1HIGH,
or
E2LOW
and/or
TABLE 4-3:
IDEALITY FACTOR LOOK-UP
TABLE (DIODE MODEL)
Setting Factor Setting Factor Setting
Factor
08h
0.9949
18h
1.0159
28h
1.0371
09h
0.9962
19h
1.0172
29h
1.0384
0Ah
0.9975
1Ah
1.0185
2Ah
1.0397
0Bh
0.9988
1Bh
1.0200
2Bh
1.0410
0Ch
1.0001
1Ch
1.0212
2Ch
1.0423
0Dh
1.0014
1Dh
1.0226
2Dh
1.0436
0Eh
1.0027
1Eh
1.0239
2Eh
1.0449
0Fh
1.0040
1Fh
1.0253
2Fh
1.0462
10h
1.0053
20h
1.0267
30h
1.0475
11h
1.0066
21h
1.0280
31h
1.0488
12h
1.0080
22h
1.0293
32h
1.0501
13h
1.0093
23h
1.0306
33h
1.0514
14h
1.0106
24h
1.0319
34h
1.0527
15h
1.0119
25h
1.0332
35h
1.0540
16h
1.0133
26h
1.0345
36h
1.0553
17h
1.0146
27h
1.0358
37h
1.0566
TABLE 4-4:
SUBSTRATE DIODE IDEALITY
FACTOR LOOK-UP TABLE
(BJT MODEL)
Setting Factor Setting Factor Setting Factor
08h
0.9869
18h
1.0079
28h
1.0291
09h
0.9882
19h
1.0092
29h
1.0304
0Ah
0.9895
1Ah
1.0105
2Ah
1.0317
0Bh
0.9908
1Bh
1.0120
2Bh
1.0330
0Ch
0.9921
1Ch
1.0132
2Ch
1.0343
0Dh
0.9934
1Dh
1.0146
2Dh
1.0356
0Eh
0.9947
1Eh
1.0159
2Eh
1.0369
0Fh
0.9960
1Fh
1.0173
2Fh
1.0382
10h
0.9973
20h
1.0187
30h
1.0395
11h
0.9986
21h
1.0200
31h
1.0408
12h
1.0000
22h
1.0213
32h
1.0421
13h
1.0013
23h
1.0226
33h
1.0434
14h
1.0026
24h
1.0239
34h
1.0447
15h
1.0039
25h
1.0252
35h
1.0460
16h
1.0053
26h
1.0265
36h
1.0473
17h
1.0066
27h
1.0278
37h
1.0486



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com