Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-E/TO Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9700-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-E/TO Datasheet(HTML) 5 Page - Microchip Technology

  MCP9700-E/TO Datasheet HTML 1Page - Microchip Technology MCP9700-E/TO Datasheet HTML 2Page - Microchip Technology MCP9700-E/TO Datasheet HTML 3Page - Microchip Technology MCP9700-E/TO Datasheet HTML 4Page - Microchip Technology MCP9700-E/TO Datasheet HTML 5Page - Microchip Technology MCP9700-E/TO Datasheet HTML 6Page - Microchip Technology MCP9700-E/TO Datasheet HTML 7Page - Microchip Technology MCP9700-E/TO Datasheet HTML 8Page - Microchip Technology MCP9700-E/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2005-2016 Microchip Technology Inc.
DS20001942G-page 5
MCP9700/9700A and MCP9701/9701A
Note: Unless otherwise indicated, MCP9700/9700A: V
DD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V;
GND = Ground, Cbypass = 0.1 µF.
FIGURE 2-7:
Output Voltage at 0°C
(MCP9700/9700A).
FIGURE 2-8:
Occurrences vs.
Temperature Coefficient (MCP9700/9700A).
FIGURE 2-9:
Line Regulation (
°C/V
DD)
vs. Ambient Temperature.
FIGURE 2-10:
Output Voltage at 0°C
(MCP9701/9701A).
FIGURE 2-11:
Occurrences vs.
Temperature Coefficient (MCP9701/9701A).
FIGURE 2-12:
Line Regulation (
°C/V
DD)
vs. Ambient Temperature.
0%
5%
10%
15%
20%
25%
30%
35%
V0°C (mV)
VDD = 3.3V
108 samples
MCP9700A
MCP9700
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
TC (mV/°C)
MCP9700
MCP9700A
VDD = 3.3V
108 samples
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
150
T
A (°C)
MCP9700/MCP9700A
V
DD = 2.3V to 5.5V
MCP9700/MCP9700A
V
DD = 2.3V to 4.0V
0%
5%
10%
15%
20%
25%
30%
35%
V0°C (mV)
MCP9701
VDD = 5.0V
108 samples
MCP9701A
MCP9701
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
TC (mV/°C)
MCP9701
MCP9701A
VDD = 5.0V
108 samples
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
T
A (°C)
MCP9701/MCP9701A
V
DD = 3.1V to 5.5V
MCP9701/MCP9701A
V
DD = 3.1V to 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com