Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-E/TO Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9700-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-E/TO Datasheet(HTML) 1 Page - Microchip Technology

  MCP9700-E/TO Datasheet HTML 1Page - Microchip Technology MCP9700-E/TO Datasheet HTML 2Page - Microchip Technology MCP9700-E/TO Datasheet HTML 3Page - Microchip Technology MCP9700-E/TO Datasheet HTML 4Page - Microchip Technology MCP9700-E/TO Datasheet HTML 5Page - Microchip Technology MCP9700-E/TO Datasheet HTML 6Page - Microchip Technology MCP9700-E/TO Datasheet HTML 7Page - Microchip Technology MCP9700-E/TO Datasheet HTML 8Page - Microchip Technology MCP9700-E/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2005-2016 Microchip Technology Inc.
DS20001942G-page 1
MCP9700/9700A
MCP9701/9701A
Features
• Tiny Analog Temperature Sensor
• Available Packages:
- SC70-5, SOT-23-3, TO-92-3
• Wide Temperature Measurement Range:
- -40°C to +125°C (Extended Temperature)
- -40°C to +150°C (High Temperature)
(MCP9700, SOT-23-3 and SC70-5 only)
•Accuracy:
- ±2°C (max.), 0°C to +70°C
(MCP9700A/9701A)
- ±4°C (max.), 0°C to +70°C
(MCP9700/9701)
• Optimized for Analog-to-Digital Converters (ADCs):
- 10.0 mV/°C (typical)
(MCP9700/9700A)
- 19.5 mV/°C (typical)
(MCP9701/9701A)
• Wide Operating Voltage Range:
-VDD = 2.3V to 5.5V (MCP9700/9700A)
-VDD = 3.1V to 5.5V (MCP9701/9701A)
• Low Operating Current: 6 µA (typical)
• Optimized to Drive Large Capacitive Loads
Typical Applications
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Home Appliance
• Office Equipment
• Battery Packs and Portable Equipment
• General Purpose Temperature Monitoring
General Description
MCP9700/9700A and MCP9701/9701A sensors with
Linear Active Thermistor Integrated Circuit (IC) com-
prise a family of analog temperature sensors that
convert temperature to analog voltage.
The low-cost, low-power sensors feature an accuracy
of ±2°C from 0°C to +70°C (MCP9700A/9701A) and
±4°C from 0°C to +70°C (MCP9700/9701) while
consuming 6 µA (typical) of operating current.
Unlike resistive sensors, e.g., thermistors, the Linear
Active Thermistor IC does not require an additional
signal-conditioning circuit. Therefore, the biasing circuit
development overhead for thermistor solutions can be
avoided by implementing a sensor from these low-cost
devices. The Voltage Output pin (VOUT) can be directly
connected to the ADC input of a microcontroller. The
MCP9700/9700A and MCP9701/9701A temperature
coefficients are scaled to provide a 1°C/bit resolution
for an 8-bit ADC with a reference voltage of 2.5V and
5V, respectively. The MCP9700/9700A output 0.1°C/bit
for a 12-bit ADC with 4.096V reference.
The MCP9700/9700A and MCP9701/9701A provide a
low-cost solution for applications that require measure-
ment of a relative change of temperature. When mea-
suring relative change in temperature from +25°C, an
accuracy of ±1°C (typical) can be realized from 0°C to
+70°C. This accuracy can also be achieved by applying
system calibration at +25°C.
In addition, this family of devices is immune to the
effects of parasitic capacitance and can drive large
capacitive loads. This provides printed circuit board
(PCB) layout design flexibility by enabling the device to
be remotely located from the microcontroller. Adding
some capacitance at the output also helps the output
transient
response
by
reducing
overshoots
or
undershoots. However, capacitive load is not required
for the stability of sensor output.
Package Types
3-Pin SOT-23
MCP9700/9700A
MCP9701/9701A
3-Pin TO-92
12 3
GND
VOUT
VDD
Bottom
View
MCP9700/9700A
MCP9701/9701A
1
GND
VDD
VOUT
NC
4
1
2
3
5
5-Pin SC70
NC
MCP9700/9700A
MCP9701/9701A
GND
VDD
VOUT
3
12
Low-Power Linear Active Thermistor ICs


Similar Part No. - MCP9700-E/TO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700-E/TO MICROCHIP-MCP9700-E/TO Datasheet
942Kb / 18P
Low-Power Linear Active Thermistor??ICs
2006
MCP9700-E/TO MICROCHIP-MCP9700-E/TO Datasheet
757Kb / 24P
Low-Power Linear Active Thermistor??ICs
2009
MCP9700-E/TO MICROCHIP-MCP9700-E/TO Datasheet
735Kb / 26P
Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700-E/TO MICROCHIP-MCP9700-E/TO Datasheet
625Kb / 22P
Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP9700-E/TO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_06 Datasheet
942Kb / 18P
Low-Power Linear Active Thermistor??ICs
2006
logo
KOA Speer Electronics, ...
LT732A KOA-LT732A Datasheet
90Kb / 2P
linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
Linear Positive Tempco Thermistor
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
linear positive miniature tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
linear positive tempco thermistor
logo
Microchip Technology
MCP9701AT-E MICROCHIP-MCP9701AT-E Datasheet
252Kb / 18P
Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
Low-Power Linear Active Thermistor ICs
Revision J November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com