Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-E/TO Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9700-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-E/TO Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9700-E/TO Datasheet HTML 5Page - Microchip Technology MCP9700-E/TO Datasheet HTML 6Page - Microchip Technology MCP9700-E/TO Datasheet HTML 7Page - Microchip Technology MCP9700-E/TO Datasheet HTML 8Page - Microchip Technology MCP9700-E/TO Datasheet HTML 9Page - Microchip Technology MCP9700-E/TO Datasheet HTML 10Page - Microchip Technology MCP9700-E/TO Datasheet HTML 11Page - Microchip Technology MCP9700-E/TO Datasheet HTML 12Page - Microchip Technology MCP9700-E/TO Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2005-2016 Microchip Technology Inc.
DS20001942G-page 9
MCP9700/9700A and MCP9701/9701A
4.2
Shutdown Using Microcontroller
I/O Pin
The 6 µA (typical) low operating current of the
MCP9700/9700A and MCP9701/9701A family makes it
ideal for battery-powered applications. However, for
applications that require a tighter current budget, this
device can be powered using a microcontroller
Input/Output (I/O) pin. The I/O pin can be toggled to
shut down the device. In such applications, the micro-
controller internal digital switching noise is emitted to
the MCP9700/9700A and MCP9701/9701A as power
supply noise. However, this switching noise compro-
mises measurement accuracy, therefore a decoupling
capacitor and series resistor will be necessary to filter
out the system noise.
4.3
Layout Considerations
The MCP9700/9700A and MCP9701/9701A family of
sensors does not require any additional components to
operate. However, it is recommended that a decoupling
capacitor of 0.1 µF to 1 µF be used between the
VDD and GND pins. In high-noise applications, connect
the power supply voltage to the VDD pin using a
200
 resistor with a 1 µF decoupling capacitor. A high
frequency ceramic capacitor is recommended. It is nec-
essary that the capacitor is located as close as possible
to the VDD and GND pins in order to provide effective
noise protection. In addition, avoid tracing digital lines
in close proximity to the sensor.
4.4
Thermal Considerations
The MCP9700/9700A and MCP9701/9701A family
measures temperature by monitoring the voltage of a
diode located in the die. A low-impedance thermal path
between the die and the PCB is provided by the pins.
Therefore,
the
sensor
effectively
monitors
the
temperature of the PCB. However, the thermal path for
the ambient air is not as efficient because the plastic
device package functions as a thermal insulator from
the die. This limitation applies to plastic-packaged
silicon temperature sensors. If the application requires
the measurement of ambient air, the TO-92 package
should be considered.
The MCP9700/9700A and MCP9701/9701A sensors
are designed to source/sink 100 µA (max.). The power
dissipation due to the output current is relatively
insignificant. The effect of the output current can be
described by Equation 4-2.
EQUATION 4-2:
EFFECT OF
SELF-HEATING
At
TA =+25°C
(VOUT = 0.75V)
and
maximum
specification
of
IDD =12µA,
VDD =5.5V
and
IOUT = +100 µA, the self-heating due to power
dissipation (TJ –TA) is 0.179°C.
T
J
T
A
–
JA VDDIDD
V
DD
V
OUT
–

+
I
OUT

=
Where:
TJ = Junction Temperature
TA = Ambient Temperature
JA = Package Thermal Resistance (331°C/W)
VOUT = Sensor Output Voltage
IOUT = Sensor Output Current
IDD = Operating Current
VDD = Operating Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com