Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700-E/TO Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP9700-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700-E/TO Datasheet(HTML) 2 Page - Microchip Technology

  MCP9700-E/TO Datasheet HTML 1Page - Microchip Technology MCP9700-E/TO Datasheet HTML 2Page - Microchip Technology MCP9700-E/TO Datasheet HTML 3Page - Microchip Technology MCP9700-E/TO Datasheet HTML 4Page - Microchip Technology MCP9700-E/TO Datasheet HTML 5Page - Microchip Technology MCP9700-E/TO Datasheet HTML 6Page - Microchip Technology MCP9700-E/TO Datasheet HTML 7Page - Microchip Technology MCP9700-E/TO Datasheet HTML 8Page - Microchip Technology MCP9700-E/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MCP9700/9700A and MCP9701/9701A
DS20001942G-page 2
 2005-2016 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Storage Temperature......................... -65°C to +150°C
Ambient Temp. with Power Applied... -40°C to +150°C
Output Current .................................................±30 mA
Junction Temperature (TJ).................................. 150°C
ESD Protection on All Pins (HBM:MM) ..... (4 kV:200V)
Latch-Up Current at Each Pin ....................... ±200 mA
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: V
DD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125 °C and No load
MCP9701/9701A: V
DD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125 °C and No load
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
VDD
2.3
3.1
—
—
5.5
5.5
V
V
MCP9700/9700A
MCP9701/9701A
Operating Current
IDD
—6
12
µA
IDD
——
15
µA
TA = 150°C (Note 1)
Line Regulation
°C/V
DD
—0.1
—
°C/V
Sensor Accuracy (Notes 2, 3)
TA = +25°C
TACY
—±1
—
°C
TA = 0°C to +70°C
TACY
-2.0
±1
+2.0
°C
MCP9700A/9701A
TA = -40°C to +125°C
TACY
-2.0
±1
+4.0
°C
MCP9700A
TA = -10°C to +125°C
TACY
-2.0
±1
+4.0
°C
MCP9701A
TA = 0°C to +70°C
TACY
-4.0
±2
+4.0
°C
MCP9700/9701
TA = -40°C to +125°C
TACY
-4.0
±2
+6.0
°C
MCP9700
TA = -10°C to +125°C
TACY
-4.0
±2
+6.0
°C
MCP9701
TA = -40°C to +150°C
TACY
-4.0
±2
+6.0
°C
HighTemperature (Note 1)
Sensor Output
Output Voltage, TA = 0°C
V0°C
—
500
—
mV
MCP9700/9700A
Output Voltage, TA = 0°C
V0°C
—
400
—
mV
MCP9701/9701A
Temperature Coefficient
TC
—10.0
—
mV/°C
MCP9700/9700A
TC
—19.5
—
mV/°C
MCP9701/9701A
Output Nonlinearity
VONL
—±0.5
—
°C
TA = 0°C to +70°C (Note 3)
Note 1:
MCP9700 with SC70-5 and SOT-23-3 packages only. The MCP9700 High Temperature is not available
with TO-92 package.
2:
The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is
tested with VDD = 5.0V.
3:
The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation,
as shown in Equation 4-2. Also refer to Figure 2-16.
4:
The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a
capacitive load of 1000 pF.
5:
SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com