Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 13Page - Texas Instruments TUSB320 Datasheet HTML 14Page - Texas Instruments TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments TUSB320 Datasheet HTML 17Page - Texas Instruments TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments TUSB320 Datasheet HTML 20Page - Texas Instruments TUSB320 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
TUSB320, TUSB320I
www.ti.com
SLLSEN9C – MAY 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320 TUSB320I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 7. CSR Registers Bit Address and Description (continued)
ADDRESS
BIT(S)
BIT NAME
DESCRIPTION
ACCESS
0x0A
7:6
DEBOUNCE
The
nominal
amount
of
time
the
TUSB320
device
debounces the voltages on the CC pins.
00 – 133ms (default)
01 – 116ms
10 – 151ms
11 – 168ms
RW
5:4
MODE_SELECT
This register can be written to set the TUSB320 device
mode operation. The ADDR pin must be set to I2C mode. If
the default is maintained, the TUSB320 device operates
according to the PORT pin levels and modes. The
MODE_SELECT
can
only
be
changed
when
in
the
unattached state.
00 – Maintain mode according to PORT pin selection
(default)
01 – UFP mode (unattached.SNK)
10 – DFP mode(unattached.SRC)
11 – DRP mode(start from unattached.SNK)
RW
3
I2C_SOFT_RESET
This resets the digital logic. The bit is self-clearing. A write
of 1 starts the reset. The following registers maybe affected
after setting this bit:
CURRENT_MODE_DETECT
ACTIVE_CABLE_DETECTION
ACCESSORY_CONNECTED
ATTACHED_STATE
CABLE_DIR
RSU
2:1
Reserved
R
0
Reserved
R
0x45
7:3
Reserved
R
2
DISABLE_RD_RP
When this field is set, Rd and Rp are disabled.
0 – Normal operation (default)
1 – Disable Rd and Rp
RW
1:0
Reserved. For TI internal use only. Do not change default
value.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com