Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB320 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 8Page - Texas Instruments TUSB320 Datasheet HTML 9Page - Texas Instruments TUSB320 Datasheet HTML 10Page - Texas Instruments TUSB320 Datasheet HTML 11Page - Texas Instruments TUSB320 Datasheet HTML 12Page - Texas Instruments TUSB320 Datasheet HTML 13Page - Texas Instruments TUSB320 Datasheet HTML 14Page - Texas Instruments TUSB320 Datasheet HTML 15Page - Texas Instruments TUSB320 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
TUSB320, TUSB320I
SLLSEN9C – MAY 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320 TUSB320I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 3. Simplified Operation for OUT1 and OUT2
OUT1
OUT2
ADVERTISEMENT
H
H
Default Current in Unattached State
H
L
Default Current in Attached State
L
H
Medium Current (1.5 A) in Attached State
L
L
High Current (3.0 A) in Attached State
(1)
Required; not in sequential order.
When operating in I2C mode, the TUSB320 device uses the SCL and SDA lines for clock and data and the
INT_N pin to communicate a change in I2C registers, or an interrupt, to the system. The INT_N pin is pulled low
when the TUSB320 device updates the registers with new information. The INT_N pin is open drain. The
INTERRUPT_STATUS
register
should
be
set
when
the
INT_N
pin
is
pulled
low.
To
clear
the
INTERRUPT_STATUS register, the end user writes to I2C.
When operating in GPIO mode, the OUT3 pin is used in place of the INT_N pin to determine if an audio
accessory is detected and attached. The OUT3 pin is pulled low when an audio accessory is detected.
NOTE
When using the 3.3 V supply for I2C, the end user must ensure that the VDD is 3 V and
above. Otherwise the I2C may back power the device.
7.2.5 VBUS Detection
The TUSB320 device supports VBUS detection according to the Type-C Specification. VBUS detection is used to
determine the attachment and detachment of a UFP and to determine the entering and exiting of accessary
modes. VBUS detection is also used to successfully resolve the role in DRP mode.
The system VBUS voltage must be routed through a 900-kΩ resistor to the VBUS_DET pin on the TUSB320
device if the PORT pin is configured as a DRP or a UFP. If the TUSB320 device is configured as a DFP and only
ever used in DFP mode, the VBUS_DET pin can be left unconnected.
7.3 Device Functional Modes
The TUSB320 device has four functional modes. Table 4 lists these modes:
Table 4. USB Type-C States According to TUSB320 Functional Modes
MODES
GENERAL BEHAVIOR
PORT PIN
STATES(1)
Unattached
USB port unattached. ID, PORT
operational. I2C on. CC pins
configure according to PORT pin.
UFP
Unattached.SNK
AttachWait.SNK
DRP
Toggle Unattached.SNK
→ Unattached.SRC
AttachedWait.SRC or AttachedWait.SNK
DFP
Unattached.SRC
AttachWait.SRC
Active
USB port attached. All GPIOs
operational. I2C on.
UFP
Attached.SNK
DRP
Attached.SNK
Attached.SRC
Audio accessory
Debug accessory
DFP
Attached.SRC
Audio accessory
Debug accessory
Dead battery
No operation.
VDD not available.
UFP/DRP/DFP
Default device state to UFP/SNK with Rd.
Shutdown
VDD available.
EN_N pin high.
UFP/DRP/DFP
Default device state to UFP/SNK with Rd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com